Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC16834A Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVC16834A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVC16834A
Download  74ALVC16834A Download
File Size   200.71 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit registered driver with inverted register enable; 3-state

74ALVC16834A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC16834A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVC16834A
Download  74ALVC16834A Click to download

File Size   200.71 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit registered driver with inverted register enable; 3-state

74ALVC16834A Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVC16834A Product details

1 General description
The 74ALVC16834A is an 18-bit registered driver. Data flow is controlled by active low
output enable (OE), active low latch enable (LE) and clock inputs (CP).
When LE is LOW, the A to Y data flow is transparent. When LE is HIGH and CP is held
at LOW or HIGH, the data is latched; on the LOW to HIGH transient of CP the A-data is
stored in the latch/flip-flop.
When OE is LOW the outputs are active. When OE is HIGH, the outputs go to the high
impedance OFF-state. Operation of the OE input does not affect the state of the latch/
flip-flop.
To ensure the high-impedance state during power up or power down, OE should be tied
to VCC through a pull-up resistor; the minimum value of the resistor is determined by the
current-sinking capability of the driver.
2 Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Current drive ± 24 mA at VCC = 3.0 V
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Output drive capability 50 Ω transmission lines at 85°C
• Input diodes to accommodate strong drivers
• Complies with JEDEC standards:
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
– HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
– CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVC16834A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16834ADGG PHILIPS-74ALVC16834ADGG Datasheet
121Kb / 12P
18-bit registered driver with inverted register enable 3-State
2000 Mar 14
More results


Similar Description - 74ALVC16834A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
20-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
18-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com