Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM1050 Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

RCM1050 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # RCM1050
Download  RCM1050 Download
File Size   436.09 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description Rec-Send

RCM1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCM1050 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # RCM1050
Download  RCM1050 Click to download

File Size   436.09 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description Rec-Send

RCM1050 Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


RCM1050 Product details

Features:
Operating voltage: 5.0V
Baud rate:1Mbps(MAX)
No External Components Required
Bus protection
ESD Protection(Contact model:+4KV)
Operating temperature:-40℃~+85℃
I/O-Isolation 3000 VDC
Compatible with ISO11898 standard
Input reverse connect protection




Similar Part No. - RCM1050

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
RCM1051 REICU-RCM1051 Datasheet
278Kb / 1P
Rec-Send
REV:15.2
RCM1051A REICU-RCM1051A Datasheet
278Kb / 1P
Rec-Send
REV:15.2
More results


Similar Description - RCM1050

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
CTM1050 REICU-CTM1050 Datasheet
199Kb / 1P
Rec-Send
REV:13.3
CTM8251 REICU-CTM8251 Datasheet
161Kb / 1P
Rec-Send
REV:13.1
CTM8251A REICU-CTM8251A Datasheet
142Kb / 1P
Rec-Send
REV:13.3
RCM1040 REICU-RCM1040 Datasheet
407Kb / 1P
Rec-Send
REV:15.3
RCM1051 REICU-RCM1051 Datasheet
278Kb / 1P
Rec-Send
REV:15.2
RCM8251 REICU-RCM8251 Datasheet
378Kb / 1P
Rec-Send
REV:15.3
RCM8251A REICU-RCM8251A Datasheet
348Kb / 1P
Rec-Send
REV:15.3
RE485 REICU-RE485 Datasheet
495Kb / 1P
Rec-Send
REV:15.3
RE3485HT1 REICU-RE3485HT1 Datasheet
709Kb / 1P
Rec-Send
REV:15.2
RSM232D REICU-RSM232D Datasheet
46Kb / 1P
Rec-Send
REV:13.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com