Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE3485HT1 Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

RE3485HT1 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # RE3485HT1
Download  RE3485HT1 Download
File Size   709.84 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description Rec-Send

RE3485HT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE3485HT1 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # RE3485HT1
Download  RE3485HT1 Click to download

File Size   709.84 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description Rec-Send

RE3485HT1 Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


RE3485HT1 Product details

Features :
* Transceiver with AutoDirection Control
* Operating voltage: 3.3V/5.0V
* 1I0-150lation3000 VDC
* Baudrate : 115200bps(MAX)
* Bus protection
* Quiescent Current<35mA(Typ)
* NoExtemal Components Required
* ESD Protection ( Contact * +4KV ; Air : 18KV )
* Operating temperature : -40°C ~ +85°C
* Inputreverse connect protection




Similar Part No. - RE3485HT1

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
RE3485HT REICU-RE3485HT Datasheet
6Mb / 1P
485Isolated automatic transceiver module - with isolated output
REV:15.3
More results


Similar Description - RE3485HT1

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
CTM1050 REICU-CTM1050 Datasheet
199Kb / 1P
Rec-Send
REV:13.3
CTM8251 REICU-CTM8251 Datasheet
161Kb / 1P
Rec-Send
REV:13.1
CTM8251A REICU-CTM8251A Datasheet
142Kb / 1P
Rec-Send
REV:13.3
RCM1040 REICU-RCM1040 Datasheet
407Kb / 1P
Rec-Send
REV:15.3
RCM1050 REICU-RCM1050 Datasheet
436Kb / 1P
Rec-Send
REV:15.3
RCM1051 REICU-RCM1051 Datasheet
278Kb / 1P
Rec-Send
REV:15.2
RCM8251 REICU-RCM8251 Datasheet
378Kb / 1P
Rec-Send
REV:15.3
RCM8251A REICU-RCM8251A Datasheet
348Kb / 1P
Rec-Send
REV:15.3
RE485 REICU-RE485 Datasheet
495Kb / 1P
Rec-Send
REV:15.3
RSM232D REICU-RSM232D Datasheet
46Kb / 1P
Rec-Send
REV:13.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com