Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVCH16244 Datasheet (PDF) - NXP Semiconductors

74AVCH16244 Datasheet PDF - NXP Semiconductors
Part # 74AVCH16244
Download  74AVCH16244 Download
File Size   80.84 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit buffer/line driver; 3.6 V tolerant; 3-state

74AVCH16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVCH16244 Datasheet PDF - NXP Semiconductors

Part # 74AVCH16244
Download  74AVCH16244 Click to download

File Size   80.84 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit buffer/line driver; 3.6 V tolerant; 3-state

74AVCH16244 Datasheet (HTML) - NXP Semiconductors


74AVCH16244 Product details

DESCRIPTION
The 74AVCH16244 is a 16-bit non-inverting buffer/line driver with 3-state outputs. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The 3-state outputs are controlled by the output enable inputs nOE. A HIGH on nOE causes the outputs to assume a high impedance OFF-state.
The 74AVCH16244 is designed to have an extremely fast propagation delay and a minimum amount of power consumption.

FEATURES
• Wide supply voltage range from 1.2 to 3.6 V
• Complies with JEDEC standard no. 8-1A/5/7
• CMOS low power consumption
• Input/output tolerant up to 3.6 V
• Dynamic Controlled Output (DCO) circuit dynamically
   changes the output impedance, resulting in noise
   reduction without speed degradation
• Low inductance multiple VCC and GND pins to minimize
   noise and ground bounce
• Supports Live Insertion
• All data inputs have bus-hold.




Similar Part No. - 74AVCH16244

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
74AVCH16244DGG NEXPERIA-74AVCH16244DGG Datasheet
220Kb / 14P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
More results


Similar Description - 74AVCH16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com