Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC16244 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC16244 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC16244
Download  74AVC16244 Download
File Size   217.45 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver; 3.6 V tolerant; 3-state

74AVC16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16244 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC16244
Download  74AVC16244 Click to download

File Size   217.45 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver; 3.6 V tolerant; 3-state

74AVC16244 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC16244 Product details

1 General description
The 74AVC16244 is a 16-bit non-inverting buffer/line driver with 3-state outputs. This
device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The 3‑state
outputs are controlled by the output enable inputs nOE. A HIGH level on input nOE
causes the outputs to assume a high-impedance OFF-state.
The 74AVC16244 is designed to have an extremely fast propagation delay and a
minimum amount of power consumption.
To ensure the high-impedance output state during power-up or power-down, input nOE
should be tied to VCC through a pull-up resistor (Live Insertion).
A dynamic controlled output (DCO) circuitry is implemented to support termination line
drive during transient (see Figure 4).
2 Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• Complies with JEDEC standards:
– JESD8-7 (1.2 V to 1.95 V)
– JESD8-5 (1.8 V to 2.7 V)
– JESD8-1A (2.7 V to 3.6 V)
• CMOS low power consumption
• Input/output tolerant up to 3.6 V
• Dynamic Controlled Output (DCO) circuit dynamically changes output impedance,
resulting in noise reduction without speed degradation
• Low inductance multiple VCC and GND pins to minimize noise and ground bounce
• Supports Live Insertion




Similar Part No. - 74AVC16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
74AVC16244DGG PHILIPS-74AVC16244DGG Datasheet
79Kb / 16P
16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
logo
Texas Instruments
74AVC16244DGGRE4 TI-74AVC16244DGGRE4 Datasheet
303Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AVC16244DGGRE4 TI1-74AVC16244DGGRE4 Datasheet
829Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AVC16244DGVRE4 TI-74AVC16244DGVRE4 Datasheet
303Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74AVC16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
74AVCH16244 PHILIPS-74AVCH16244 Datasheet
80Kb / 16P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com