Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVCM162834 Datasheet (PDF) - NXP Semiconductors

74AVCM162834 Datasheet PDF - NXP Semiconductors
Part # 74AVCM162834
Download  74AVCM162834 Download
File Size   98.62 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State

74AVCM162834 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVCM162834 Datasheet PDF - NXP Semiconductors

Part # 74AVCM162834
Download  74AVCM162834 Click to download

File Size   98.62 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State

74AVCM162834 Datasheet (HTML) - NXP Semiconductors


74AVCM162834 Product details

DESCRIPTION
The 74AVCM162834 is an 18-bit universal bus driver. Data flow is controlled by output enable (OE), latch enable (LE) and clock inputs (CP).
This product is designed to have an extremely fast propagation delay and a minimum amount of power consumption.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor (Live Insertion).

FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• Complies with JEDEC standard no. 8-1A/5/7.
• CMOS low power consumption
• Input/output tolerant up to 3.6 V
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Integrated 15 Ω termination resistors to minimize output overshoot and undershoot
• Full PC133 solution provided when used with PCK2510S and CBT16292




Similar Part No. - 74AVCM162834

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
More results


Similar Description - 74AVCM162834

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
18-bit registered driver with inverted register enable 3-State
1999 Jul 23
74AVCM162836 PHILIPS-74AVCM162836 Datasheet
99Kb / 10P
20-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com