Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10164940 Datasheet (PDF) - Amphenol Communications Solutions

10164940 Datasheet PDF - Amphenol Communications Solutions
Part # 10164940
Download  10164940 Download
File Size   2037.85 Kbytes
Page   2 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description Receptacle 4 ROWS, VI 10H BTB Secure Connector

10164940 Datasheet (PDF)

Go To PDF Page Download Datasheet
10164940 Datasheet PDF - Amphenol Communications Solutions

Part # 10164940
Download  10164940 Click to download

File Size   2037.85 Kbytes
Page   2 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description Receptacle 4 ROWS, VI 10H BTB Secure Connector

10164940 Datasheet (HTML) - Amphenol Communications Solutions




Similar Part No. - 10164940

ManufacturerPart #DatasheetDescription
logo
SICK AG
1016494 SICK-1016494 Datasheet
655Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results


Similar Description - 10164940

ManufacturerPart #DatasheetDescription
logo
FCI connector
20021311 FCI-CONNECTOR-20021311 Datasheet
57Kb / 1P
1.27X1.27MM BTB RECEPTACLE VERTICAL, MT
20021321 FCI-CONNECTOR-20021321 Datasheet
115Kb / 2P
1.27X1.27MM BTB RECEPTACLE SMT
logo
Wurth Elektronik GmbH &...
695405151122 WURTH-695405151122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695404151122 WURTH-695404151122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695402151122 WURTH-695402151122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
logo
Molex Electronics Ltd.
0989821021 MOLEX1-0989821021_18 Datasheet
36Kb / 1P
2.54mm Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, Black
logo
AVX Corporation
00-9148 AVX-00-9148 Datasheet
212Kb / 2P
Tall Stacker Connector: BTB
logo
PHOENIX CONTACT
1213156 PHOENIX-1213156 Datasheet
47Kb / 2P
Crimping pliers - CRIMPFOX CENTRUS 10H
logo
Amphenol Communications...
10164939 AMPHENOLCS-10164939 Datasheet
748Kb / 2P
Header 4Rows, VT Z2H BTB Secure Connector
Rev. A
10164227 AMPHENOLCS-10164227 Datasheet
1Mb / 6P
RECEPTACLE BERGSTAK 0.4MM BTB
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com