Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURC820 Datasheet (PDF) - Silicon Supplies

MURC820 Datasheet PDF - Silicon Supplies
Part # MURC820
Download  MURC820 Download
File Size   1949.05 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 200V 8A 25ns Rectifier

MURC820 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURC820 Datasheet PDF - Silicon Supplies

Part # MURC820
Download  MURC820 Click to download

File Size   1949.05 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 200V 8A 25ns Rectifier

MURC820 Datasheet (HTML) - Silicon Supplies


MURC820 Product details

Ultra-Fast recovery rectifier diode in bare die form

Features:
Low leakage current
High forward surge current capability
Low forward voltage drop
Robust construction
High reliability tested grades.




Similar Part No. - MURC820

ManufacturerPart #DatasheetDescription
logo
Sensitron
MURC820 SENSITRON-MURC820 Datasheet
327Kb / 6P
MURC805-MURC860 Ultrafast Silicon Die
More results


Similar Description - MURC820

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
H08A05 MOSPEC-H08A05 Datasheet
138Kb / 2P
POWER RECTIFIERS(8A,50-200V)
U08A05 MOSPEC-U08A05 Datasheet
134Kb / 2P
POWER RECTIFIERS(8A,50-200V)
logo
NTE Electronics
NTE597 NTE-NTE597 Datasheet
18Kb / 2P
Silicon Rectifier Ultra Fast, 200V, 8A
logo
Intersil Corporation
MUR1620CT INTERSIL-MUR1620CT Datasheet
52Kb / 5P
8A, 200V Ultrafast Dual Diodes
January 2000
MUR820 INTERSIL-MUR820 Datasheet
52Kb / 5P
8A, 200V Ultrafast Diodes
January 2000
logo
Semtech Corporation
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
RECTIFIER, up to 150V, 2.5A, 25ns
2PFT05 SEMTECH-2PFT05 Datasheet
112Kb / 4P
RECTIFIER, up to 200V, 2.6A, 25ns
logo
KODENSHI_AUK CORP.
SDB8200PH KODENSHI-SDB8200PH Datasheet
283Kb / 5P
200V, 8A POWER SCHOTTKY RECTIFIER
logo
Shenzhen Winsemi Microe...
WDP8S20 WINSEMI-WDP8S20 Datasheet
422Kb / 5P
8A,200V Ultrafast Single Diode
logo
Taiwan Semiconductor Co...
TUAS8D TSC-TUAS8D Datasheet
515Kb / 6P
8A, 200V - 1000V Standard Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com