Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PFT05 Datasheet (PDF) - Semtech Corporation

2PFT05 Datasheet PDF - Semtech Corporation
Part # 2PFT05
Download  2PFT05 Download
File Size   112.69 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 200V, 2.6A, 25ns

2PFT05 Datasheet (PDF)

Go To PDF Page Download Datasheet
2PFT05 Datasheet PDF - Semtech Corporation

Part # 2PFT05
Download  2PFT05 Click to download

File Size   112.69 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 200V, 2.6A, 25ns

2PFT05 Datasheet (HTML) - Semtech Corporation




Similar Part No. - 2PFT05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2PF140 SEMTECH-2PF140 Datasheet
112Kb / 3P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
2PFF0 SEMTECH-2PFF0 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
More results


Similar Description - 2PFT05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSA26 SANYO-DSA26 Datasheet
51Kb / 2P
2.6A Power Rectifier?
logo
Fuji Electric
ERC04F FUJI-ERC04F Datasheet
35Kb / 2P
GENERAL USE RECTIFIER DIODE(200V to 400V / 1.5A )
logo
International Rectifier
IRFR210 IRF-IRFR210 Datasheet
171Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=2.6A)
logo
Semtech Corporation
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
RECTIFIER, up to 150V, 2.5A, 25ns
3PFT1 SEMTECH-3PFT1 Datasheet
125Kb / 4P
RECTIFIER, up to 200V, 4A, 30ns
logo
Linear Technology
LTC4413 LINER-LTC4413_15 Datasheet
163Kb / 12P
Dual 2.6A, 2.5V to 5.5V, Ideal Diodes
LTC4413-2 LINER-LTC4413-2_15 Datasheet
190Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
Fast Access Times of 10 to 25ns
logo
Silicon Supplies
MURC820 SS-MURC820 Datasheet
1Mb / 4P
200V 8A 25ns Rectifier
Rev 1.0 27/12/22
1N4003 SS-1N4003 Datasheet
283Kb / 2P
200V 1A Standard Rectifier
Rev 1.0 25/08/23
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com