Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS24C01B Datasheet (PDF) - Integrated Silicon Solution, Inc

IS24C01B Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS24C01B
Download  IS24C01B Download
File Size   142.16 Kbytes
Page   19 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM

IS24C01B Datasheet (PDF)

Go To PDF Page Download Datasheet
IS24C01B Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS24C01B
Download  IS24C01B Click to download

File Size   142.16 Kbytes
Page   19 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM

IS24C01B Datasheet (HTML) - Integrated Silicon Solution, Inc


IS24C01B Product details

DESCRIPTION
The IS24C01B and IS24C02B are electrically erasable PROM devices that use the standard 2- wire interface for communications. The IS24C01B and IS24C02B contain a memory array of 1K-bits (128 x 8) and 2K-bits (256 x 8), respectively. Each device is organized into 8 byte pages for page write mode.

FEATURES
• Two-Wire Serial Interface, I2CTM compatible
    –Bi-directional data transfer protocol
• Wide Voltage Operation
    –Vcc = 1.8V to 5.5V
• 400 KHz (2.5V) and 1 MHz (5.0V) compatibility
• Low Power CMOS Technology
    –Standby Current less than 6 µA (5.0V)
    –Read Current less than 2 mA (5.0V)
    –Write Current less than 3 mA (5.0V)
• Hardware Data Protection
    –Write Protect Pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• Self time write cycle with auto clear 5 ms max. @ 2.5V
• Organization:
    –IS24C01B 128x8 (128 bytes)
    –IS24C02B 256x8 (256 bytes)
• 8 Byte Page Write Buffer
• High Reliability
    –Endurance: 1,000,000 Cycles
    –Data Retention: 100 Years
• Industrial and Automotive temperature ranges
• 8-pin PDIP, 8-pin SOIC, 8-pad DFN, and 8-pin TSSOP packages
• Lead-free available




Similar Part No. - IS24C01B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2 ISSI-IS24C01-2 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2G ISSI-IS24C01-2G Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-2G ISSI-IS24C01-2G Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Similar Description - IS24C01B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
1K/2K/4K/8K-bit Serial EEPROM
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
1K BIT SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
logo
Integrated Silicon Solu...
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com