Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC01 Datasheet (PDF) - Holtek Semiconductor Inc

HT24LC01 Datasheet PDF - Holtek Semiconductor Inc
Part # HT24LC01
Download  HT24LC01 Download
File Size   248.29 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 1K/2K 2-Wire CMOS Serial EEPROM

HT24LC01 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT24LC01 Datasheet PDF - Holtek Semiconductor Inc

Part # HT24LC01
Download  HT24LC01 Click to download

File Size   248.29 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 1K/2K 2-Wire CMOS Serial EEPROM

HT24LC01 Datasheet (HTML) - Holtek Semiconductor Inc


HT24LC01 Product details

General Description

The HT24LC01/02 is a 1K/2K-bit serial read/write non-volatile memory device using the CMOS floating gate process. Its 1024/2048 bits of memory are organized into 128/256 words and each word is 8 bits. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. Up to eight HT24LC01/02 devices may be connected to the same two-wire bus. The HT24LC01/02 is guaranteed for 1M erase/write cycles and 40-year data retention.





Features

• Operating voltage: 2.4V~5.5V

• Low power consumption

– Operation: 5mA max.

– Standby: 5µA max.

• Internal organization

– 1K (HT24LC01):128×8

– 2K (HT24LC02): 256×8

• 2-wire serial interface

• Write cycle time: 5ms max.

• Automatic erase-before-write operation

• Partial page write allowed

• 8-byte Page write modes

• Write operation with built-in timer

• Hardware controlled write protection

• 40-year data retention

• 106 erase/write cycles per word

• 8-pin DIP/SOP package

• 8-pin TSSOP (HT24LC02 only)

• Commerical temperature range (0°C to +70°C)




Similar Part No. - HT24LC01

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
HT24LC02 HOLTEK-HT24LC02 Datasheet
134Kb / 14P
CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
CMOS 2K 2-Wire Serial EEPROM
More results


Similar Description - HT24LC01

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
CMOS 2K 2-Wire Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com