Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC01 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT24LC01
Description  1K/2K 2-Wire CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC01 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT24LC01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A.C. Characteristics
Ta=0
°C to 70°C
Symbol
Parameter
Remark
Standard Mode* VCC=5V
±10%
Unit
Min.
Max.
Min.
Max.
fSK
Clock Frequency
—
100
—
400
kHz
tHIGH
Clock High Time
4000
—
600
—
ns
tLOW
Clock Low Time
4700
—
1200
—
ns
tR
SDA and SCL Rise Time
Note
—
1000
—
300
ns
tF
SDA and SCL Fall Time
Note
—
300
—
300
ns
tHD:STA
START Condition Hold
Time
After this period
the first clock pulse
is generated
4000
—
600
—
ns
tSU:STA
START Condition
Setup Time
Only relevant for
repeated START
condition
4000
—
600
—
ns
tHD:DAT
Data Input Hold Time
0
—
0
—
ns
tSU:DAT
Data Input Setup Time
200
—
100
—
ns
tSU:STO
STOP Condition Setup
Time
4000
—
600
—
ns
tAA
Output Valid from
Clock
—
3500
—
900
ns
tBUF
Bus Free Time
Time in which the
bus must be free
before a new
transmission can
start
4700
—
1200
—
ns
tSP
Input Filter Time
Constant (SDA and SCL
Pins)
Noise suppression
time
—100
—
50
ns
tWR
Write Cycle Time
—
5
—
5
ms
Notes: These parameters are periodically sampled but not 100% tested
* The standard mode means VCC=2.4V to 5.5V
For relative timing, refer to timing diagrams
HT24LC01/02
3
6th May ’99



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com