Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB624IDT Datasheet (PDF) - STMicroelectronics

TSB624IDT Datasheet PDF - STMicroelectronics
Part # TSB624IDT
Download  TSB624IDT Download
File Size   1658.93 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier

TSB624IDT Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB624IDT Datasheet PDF - STMicroelectronics

Part # TSB624IDT
Download  TSB624IDT Click to download

File Size   1658.93 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier

TSB624IDT Datasheet (HTML) - STMicroelectronics


TSB624IDT Product details

Features
• Low offset voltage: 1 mV max. @ 25 °C
• Low current consumption: 375 μA max. / operator @ 36 V
• Wide supply voltage: 2.7 to 36 V
• Gain bandwidth product: 1.7 MHz
• Unity gain stable
• Rail-to-rail output
• Input common mode voltage incudes ground
• High ESD tolerance: 4 kV HBM
• EMI hardened
• Extended temperature range: -40 to 125 °C
• Automotive qualification

Applications
• Industrial
• Power supplies
• Automotive




Similar Part No. - TSB624IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB622 STMICROELECTRONICS-TSB622 Datasheet
7Mb / 36P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
20-Feb-2024
More results


Similar Description - TSB624IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP186 AD-OP186_15 Datasheet
42Kb / 5P
Ultra Low Power Rail-to-Rail Output Operational Amplifier
REV. 0
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
Low-power, rail-to-rail output, 36 V operational amplifier
17-Aug-2015
logo
Texas Instruments
OPA196 TI1-OPA196 Datasheet
3Mb / 47P
36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com