Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB624IDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSB624IDT
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB624IDT Datasheet(HTML) 2 Page - STMicroelectronics

  TSB624IDT Datasheet HTML 1Page - STMicroelectronics TSB624IDT Datasheet HTML 2Page - STMicroelectronics TSB624IDT Datasheet HTML 3Page - STMicroelectronics TSB624IDT Datasheet HTML 4Page - STMicroelectronics TSB624IDT Datasheet HTML 5Page - STMicroelectronics TSB624IDT Datasheet HTML 6Page - STMicroelectronics TSB624IDT Datasheet HTML 7Page - STMicroelectronics TSB624IDT Datasheet HTML 8Page - STMicroelectronics TSB624IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1
Pin connections
Figure 1. TSB621 pin connections (top view)
OUT
IN+
VCC-
IN-
VCC+
SOT23-5
1
2
3
4
5
+
-
Table 1. TSB621 pin description
Pin n°
Pin name
Description
1
OUT1
Output
2
VCC -
Negative supply voltage
3
IN +
Positive input voltage
4
IN -
Negative input voltage
5
VCC
Positive supply voltage
Figure 2. TSB622 pin connections (top view)
VCC+
VCC-
OUT1
IN1-
IN1+
OUT2
IN2-
IN2+
SO8 - MiniSO8
Out1
In1-
In1+
VCC-
VCC+
Out2
In2-
In2+
DFN8 (3 x 3)
1
2
3
4
8
7
6
5
(1)
8
7
1
2
3
4
6
5
(1) Exposed pad can be left floating or connected to ground.
Table 2. TSB622 pin description
Pin n°
Pin name
Description
1
OUT1
Output
2
IN1 -
Negative input voltage
3
IN1 +
Positive input voltage
4
VCC -
Negative supply voltage
5
IN2 +
Positive input voltage
6
IN2 -
Negative input voltage
7
OUT2
Output
8
VCC +
Positive supply voltage
TSB621, TSB622, TSB624
Pin connections
DS13848 - Rev 3
page 2/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com