Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB624IDT Datasheet(PDF) 33 Page - STMicroelectronics

Part # TSB624IDT
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB624IDT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TSB624IDT Datasheet HTML 27Page - STMicroelectronics TSB624IDT Datasheet HTML 28Page - STMicroelectronics TSB624IDT Datasheet HTML 29Page - STMicroelectronics TSB624IDT Datasheet HTML 30Page - STMicroelectronics TSB624IDT Datasheet HTML 31Page - STMicroelectronics TSB624IDT Datasheet HTML 32Page - STMicroelectronics TSB624IDT Datasheet HTML 33Page - STMicroelectronics TSB624IDT Datasheet HTML 34Page - STMicroelectronics TSB624IDT Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
List of tables
Table 1.
TSB621 pin description................................................................ 2
Table 2.
TSB622 pin description................................................................ 2
Table 3.
TSB624 pin description................................................................ 3
Table 4.
Absolute maximum ratings ............................................................. 4
Table 5.
Operating conditions ................................................................. 4
Table 6.
Electrical characteristics VCC+ = 2.7 V, Vcc- = 0 V, Vicm = VCC/2, T = 25 °C, RL = 10 kΩ connected to VCC/2 (unless
otherwise specified) .................................................................. 5
Table 7.
Electrical characteristics VCC+ = 12 V, VCC- = 0 V, Vicm = VCC/2, T = 25 °C, RL = 10 kΩ connected to VCC/2 (unless
otherwise specified) .................................................................. 6
Table 8.
Electrical characteristics VCC+ = 36 V, VCC- = 0 V, Vicm = VCC/2, T = 25 °C, RL = 10 kΩ connected to Vcc/2 (unless
otherwise specified) .................................................................. 7
Table 9.
SOT23-5 mechanical data............................................................. 18
Table 10.
SO8 mechanical data ................................................................ 20
Table 11.
MiniSO8 mechanical data ............................................................. 22
Table 12.
DFN8 3x3 mechanical data ............................................................ 24
Table 13.
SO14 package mechanical data ........................................................ 27
Table 14.
TSSOP14 package mechanical data ..................................................... 29
Table 15.
Order code ....................................................................... 30
Table 16.
Document revision history ............................................................. 31
TSB621, TSB622, TSB624
List of tables
DS13848 - Rev 3
page 33/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com