Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB624IDT Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSB624IDT
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB624IDT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSB624IDT Datasheet HTML 25Page - STMicroelectronics TSB624IDT Datasheet HTML 26Page - STMicroelectronics TSB624IDT Datasheet HTML 27Page - STMicroelectronics TSB624IDT Datasheet HTML 28Page - STMicroelectronics TSB624IDT Datasheet HTML 29Page - STMicroelectronics TSB624IDT Datasheet HTML 30Page - STMicroelectronics TSB624IDT Datasheet HTML 31Page - STMicroelectronics TSB624IDT Datasheet HTML 32Page - STMicroelectronics TSB624IDT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Table 14. TSSOP14 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.20
A1
0.05
0.15
A2
0.80
1.00
1.05
b
0.19
0.30
c
0.09
0.20
D
4.90
5.00
5.10
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
e
0.65
L
0.45
0.60
0.75
L1
1.00
k
0°
8°
aaa
0.10
TSB621, TSB622, TSB624
TSSOP14 package information
DS13848 - Rev 3
page 29/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com