Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2810AM-G1 Datasheet (PDF) - Diodes Incorporated

AP2810AM-G1 Datasheet PDF - Diodes Incorporated
Part # AP2810AM-G1
Download  AP2810AM-G1 Download
File Size   684.29 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A High-side Power Distribution Switch with Enable and Flag

AP2810AM-G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2810AM-G1 Datasheet PDF - Diodes Incorporated

Part # AP2810AM-G1
Download  AP2810AM-G1 Click to download

File Size   684.29 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A High-side Power Distribution Switch with Enable and Flag

AP2810AM-G1 Datasheet (HTML) - Diodes Incorporated


AP2810AM-G1 Product details

Features
• Low MOSFET on Resistance: 60mΩ @VIN=5.0V
• Compliant to USB Specifications
• Operating Voltage Range: 2.7V to 5.5V
• Low Supply Current: 65μA (Typ)
• Low Shutdown Current: 1.0μA (Max)
• Guarantee 1.0A Continuous Load
• Current Limit: 1.1A (Min), 2.1A (Max)
• Under-voltage Lockout
• Logic Level Enable Pin: Available in Active-high or Active-low Version
• Over-current Protection
• Over Temperature Protection
• Load Short Protection with Fold-back
• No Reverse Current When Power off
• With Output Shutdown Pull-low Resistor for A/C Versions

Applications
• USB Power Management
• USB Bus/Self Powered Hubs
• Hot-plug Power Supplies
• Battery-charger Circuits
• Notebooks, Motherboard PCs




Similar Part No. - AP2810AM-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2810AM-G1 BCDSEMI-AP2810AM-G1 Datasheet
684Kb / 14P
1.0A High-side Power Distribution Switch with Enable and Flag
More results


Similar Description - AP2810AM-G1

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
YOBON TECHNOLOGIES,INC.
YB1901 YOBON-YB1901 Datasheet
859Kb / 12P
2.0A High-Side Power Switch with Flag
logo
Global Mixed-mode Techn...
G5243A GMT-G5243A Datasheet
71Kb / 1P
High-Side Power Distribution Switch
logo
BCD Semiconductor Manuf...
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
500mA High-side Power Distribution Switch with Enable and Flag
AP2810 BCDSEMI-AP2810 Datasheet
684Kb / 14P
1.0A High-side Power Distribution Switch with Enable and Flag
AP2815 BCDSEMI-AP2815 Datasheet
634Kb / 16P
1.5A High-side Power Distribution Switch with Enable and Flag
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2815 DIODES-AP2815 Datasheet
633Kb / 16P
1.5A High-side Power Distribution Switch with Enable and Flag
Apr. 2012 Rev 1. 7
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com