Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9706 Datasheet (PDF) - Richtek Technology Corporation

RT9706 Datasheet PDF - Richtek Technology Corporation
Part # RT9706
Download  RT9706 Download
File Size   295.54 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 80m廓, 500mA High-Side Power Switch with Flag

RT9706 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9706 Datasheet PDF - Richtek Technology Corporation

Part # RT9706
Download  RT9706 Click to download

File Size   295.54 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 80m廓, 500mA High-Side Power Switch with Flag

RT9706 Datasheet (HTML) - Richtek Technology Corporation


RT9706 Product details

General Description
The RT9706 is a cost-effective, low voltage, single N-Channel MOSFET high-side power switch, optimized for self-powered and bus-powered Universal Serial Bus (USB) applications. The RT9706 equipped with a charge pump circuitry to drive the internal MOSFET switch; the switchs low RDS(ON) 80mΩ, meets USB voltage drop requirements; and a flag output is available to indicate fault conditions to the local USB controller.

Features
● Compliant to USB Specifications
● Built-In (Typically 80mΩ) N-Channel MOSFET
● Output Can Be Forced Higher than Input (Off-State)
● Low Supply Current :
    ►25μA Typical at Switch On State
    ►0.1μA Typical at Switch Off State
● Guaranteed 500mA Continuous Load Current
● Wide Input Voltage Ranges : 2V to 5.5V
● Open-Drain Fault Flag Output
● Hot Plug-In Application (Soft-Start)
● 1.7V Typical Under-Voltage Lockout (UVLO)
● Current Limiting Protection
● Thermal Shutdown Protection
● Reverse Current Flow Blocking (no body diode)
● Smallest SOT-23-5 Package Minimizes Board Space
● UL Approved−E219878
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● USB Bus/Self Powered Hubs
● USB Peripherals
● ACPI Power Distribution
● PC Card Hot Swap
● Notebook, Motherboard PCs
● Battery-Powered Equipment
● Hot-Plug Power Supplies
● Battery-Charger Circuits




Similar Part No. - RT9706

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
More results


Similar Description - RT9706

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com