Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9702 Datasheet (PDF) - Richtek Technology Corporation

RT9702 Datasheet PDF - Richtek Technology Corporation
Part # RT9702
Download  RT9702 Download
File Size   251.05 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 80m廓, 500mA/1.1A High-Side Power Switches with Flag

RT9702 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9702 Datasheet PDF - Richtek Technology Corporation

Part # RT9702
Download  RT9702 Click to download

File Size   251.05 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 80m廓, 500mA/1.1A High-Side Power Switches with Flag

RT9702 Datasheet (HTML) - Richtek Technology Corporation


RT9702 Product details

General Description

The RT9702 and RT9702A are cost-effective, low voltage, single N-Channel MOSFET high-side power switches, optimized for self-powered and bus- powered Universal Serial Bus (USB) applications.



Features

Compliant to USB Specifications

Built-In (Typically 80mΩ) N-Channel MOSFET

Output Can Be Forced Higher Than Input (Off-State)

Low Supply Current :

  25μA Typical at Switch On State

  1μA Typical at Switch Off State

Guaranteed 500mA/RT9702 and 1.1A/RT9702A Continuous Load Current

Wide Input Voltage Ranges : 2V to 5.5V

Open-Drain Fault Flag Output

Hot Plug-In Application (Soft-Start)

1.7V Typical Under-Voltage Lockout (UVLO)

Current Limiting Protection

Thermal Shutdown Protection

Reverse Current Flow Blocking (no body diode)

Smallest SOT-23-5 and TSOT-23-5 Packages Minimizes Board Space

UL Approved−E219878

TUV IEC60950-1 : 2005Certified

RoHS Compliant and 100% Lead (Pb)-Free



Applications

USB Bus/Self Powered Hubs

USB Peripherals

ACPI Power Distribution

PC Card Hot Swap

Notebook, Motherboard PCs

Battery-Powered Equipment

Hot-Plug Power Supplies

Battery-Charger Circuits




Similar Part No. - RT9702

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702A RICHTEK-RT9702A Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
More results


Similar Description - RT9702

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com