Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1353LI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1353LI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1353LI
Download  AOZ1353LI Download
File Size   1667.88 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 5V/3A ECPower™ Protection Switch with True Reverse-Current Blocking

AOZ1353LI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1353LI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1353LI
Download  AOZ1353LI Click to download

File Size   1667.88 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 5V/3A ECPower™ Protection Switch with True Reverse-Current Blocking

AOZ1353LI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1353LI Product details

General Description
The AOZ1353LI is a current-limited power switch targeting
applications that require comprehensive protections.
The input operating voltage range is between 3.4V and
5.5V. The output terminal is rated 28V absolute maximum.
The internal current-limiting circuit protects the
supply from large load current. The current limit level is
set with an external resistor. The soft-start circuit controls
inrush current due to highly capacitive loads. The
soft-start time can be optionally adjusted with an external
capacitor. The device features very low quiescent
current of 125μA. The supply current reduces 6μA in
shutdown. It also has under-voltage lockout (UVLO),
over-voltage protection (OVP) and thermal shutdown
protection.
The AOZ1353LI has True Reverse-Current Blocking
(TRCB) protection to avoid undesired reverse-current
from VOUT to VIN.
The device features fast recovery to turn on power
switch once reverse current blocking protection is deactivated.
The AOZ1353LI is available in a 1.31mm x 1.81mm
Wafer-Level Chip-Scale Package (WLCSP with 12
bumps).

Features
 28V voltage rating on VOUT pin
 3.4V to 5.5V operating input voltage
 3.5A current capability
 Typical RON: 32mΩ
 Programmable current limit
 True Reverse-Current Blocking (TRCB)
 Fast recovery from TRCB
 Adjustable soft-start
 125μA quiescent current
 Over-voltage protection
 Input under-voltage lockout
 Thermal shutdown protection
 ±4kV HBM rating
 ±1kV CDM Rating
 UL2367 file no. E326264
 IEC62368 file no. E326264-A6002

Applications
 USB PD power source switch
 Smart phone and tablet
 Notebook, ultrabook and desktop
 Portable devices




Similar Part No. - AOZ1353LI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1353DI AOSMD-AOZ1353DI Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
AOZ1353DI-01 AOSMD-AOZ1353DI-01 Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
AOZ1353DI-02 AOSMD-AOZ1353DI-02 Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
AOZ1353DI-03 AOSMD-AOZ1353DI-03 Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
AOZ1353DI-04 AOSMD-AOZ1353DI-04 Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
More results


Similar Description - AOZ1353LI

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5197 GMT-G5197 Datasheet
75Kb / 1P
3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Alpha & Omega Semicondu...
AOZ1324DI AOSMD-AOZ1324DI Datasheet
1Mb / 14P
ECPower™ 20V 32mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1327DI AOSMD-AOZ1327DI Datasheet
2Mb / 16P
ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.2 April 2020
AOZ1328DI AOSMD-AOZ1328DI Datasheet
1Mb / 16P
ECPower™ 20V 18mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.1 August 2020
AOZ1353DI AOSMD-AOZ1353DI Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
AOZ13984DI-02 AOSMD-AOZ13984DI-02 Datasheet
962Kb / 17P
ECPower™ 20V 33mΩ Smart Protection Switch True Reverse Current Blocking
Rev. 1.0 December 2020
AOZ13987DI-02 AOSMD-AOZ13987DI-02 Datasheet
1,003Kb / 17P
ECPower™ 23V 20mΩ Smart Protection Switch With Ideal Diode True Reverse Current Blocking
Rev. 1.1 May 2022
AOZ1373DI AOSMD-AOZ1373DI Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1376DI AOSMD-AOZ1376DI Datasheet
1Mb / 14P
ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking
Rev. 2.3 December 2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com