Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1376DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1376DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1376DI
Download  AOZ1376DI Download
File Size   1255.11 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking

AOZ1376DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1376DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1376DI
Download  AOZ1376DI Click to download

File Size   1255.11 Kbytes
Page   14 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking

AOZ1376DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1376DI Product details

General Description
The AOZ1376DI power switch is intended for
applications that require circuit protections. The input
operating voltage ranges between 3.4V and 22V, making
it ideal for USB Type-C power delivery applications. VIN
and VOUT terminals are rated as 28V Absolute
Maximum. The AOZ1376DI provides under-voltage
lockout, over-voltage and over-temperature protection
function. The over-voltage protection threshold is
selectable by an external resistor. The internal soft-start
circuitry controls inrush current due to highly capacitive
loads. The slew rate can be adjusted using an external
capacitor.
The AOZ1376DI has True Reverse-Current Blocking
(TRCB) protection to avoid undesired reverse-current
from VOUT to VIN at all time.
The AOZ1376DI is available in a 3mm x 3mm DFN-12
package which can operate over -40°C to +85°C
temperature range.

Features
 20m typical ON resistance
 3.4V to 22V operating input voltage
 VIN and VOUT are rated 28V Abs max.
 True reverse current blocking when VOUT > VIN
 Selectable over-voltage protection
 Programmable soft-start
 VIN under-voltage lockout
 VIN over-voltage lockout
 Thermal shutdown protection
 Short-circuit protection
 ±4kV HBM ESD rating
 ±8kV HBM ESD rating for VIN and VOUT
 IEC61000-4-2: ±8kV on VIN
 IEC61000-4-5: 40V on VIN, No Capacitor
 3mm x 3mm DFN-12L package

Applications
 Thunderbolt/USB Type-C PD power switch
 Portable devices
 Notebook/desktop computers
 Monitors
 Docking station/dongles




Similar Part No. - AOZ1376DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1373DI AOSMD-AOZ1373DI Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1373DI-01 AOSMD-AOZ1373DI-01 Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1373DI-02 AOSMD-AOZ1373DI-02 Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1374DI AOSMD-AOZ1374DI Datasheet
1Mb / 18P
ECPowerTM 23 V 36 mΩ Protection Switch Programmable Current Limit and True Reverse Current Blocking
Rev. 1.0 December 2020
AOZ1374DI-01 AOSMD-AOZ1374DI-01 Datasheet
1Mb / 18P
ECPowerTM 23 V 36 mΩ Protection Switch Programmable Current Limit and True Reverse Current Blocking
Rev. 1.0 December 2020
More results


Similar Description - AOZ1376DI

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Alpha & Omega Semicondu...
AOZ1324DI AOSMD-AOZ1324DI Datasheet
1Mb / 14P
ECPower™ 20V 32mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1327DI AOSMD-AOZ1327DI Datasheet
2Mb / 16P
ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.2 April 2020
AOZ1328DI AOSMD-AOZ1328DI Datasheet
1Mb / 16P
ECPower™ 20V 18mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.1 August 2020
AOZ1353DI AOSMD-AOZ1353DI Datasheet
1Mb / 16P
5V/3.5A ECPower™ Smart Current-Limited Load Switch with True Reverse-Current Blocking
Rev. 1.6 June 2022
AOZ1353LI AOSMD-AOZ1353LI Datasheet
1Mb / 15P
5V/3A ECPower™ Protection Switch with True Reverse-Current Blocking
Rev. 1.3 March 2019
AOZ13984DI-02 AOSMD-AOZ13984DI-02 Datasheet
962Kb / 17P
ECPower™ 20V 33mΩ Smart Protection Switch True Reverse Current Blocking
Rev. 1.0 December 2020
AOZ13987DI-02 AOSMD-AOZ13987DI-02 Datasheet
1,003Kb / 17P
ECPower™ 23V 20mΩ Smart Protection Switch With Ideal Diode True Reverse Current Blocking
Rev. 1.1 May 2022
AOZ1373DI AOSMD-AOZ1373DI Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com