Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1374DI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1374DI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1374DI
Download  AOZ1374DI Download
File Size   1648.03 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description ECPowerTM 23 V 36 mΩ Protection Switch Programmable Current Limit and True Reverse Current Blocking

AOZ1374DI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1374DI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1374DI
Download  AOZ1374DI Click to download

File Size   1648.03 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description ECPowerTM 23 V 36 mΩ Protection Switch Programmable Current Limit and True Reverse Current Blocking

AOZ1374DI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1374DI Product details

General Description
AOZ1374DI is a current-limiting protection switch targeting
applications that require comprehensive protections.
Both VIN and VOUT terminals are rated at 28 V absolute
maximum. There is a programable soft-start feature up to
10ms to limit the inrush current for highly capacitive loads.
The supply current reduces to 5 μ A in shutdown. It also has
Input Under-Voltage Lock Out (UVLO), Input Over-Voltage
Protection (OVP), and Thermal Shut Down Protection (TSD).
AOZ1374DI has True Reverse Current Blocking (TRCB)
protection to avoid undesired reverse-current from VOUT to
VIN. It also features an internal current-limiting circuit that
protects the supply from large load current. The current limit
threshold can be set externally with a resistor.
AOZ1374DI-01 will auto-restart when the fault conditions
are cleared.
AOZ1374DI-02 will latch the power switch off in case of a
fault condition and EN must be reset to restart the device.
AOZ1374DI is available in small 3 mm x 3 mm 10-pin DFN
package.

Features
• 28 V abs max voltage rating on VIN and VOUT pin
• Typical RON: 36 m Ω
• Programmable current limit
• True Reverse Current Blocking (TRCB)
• Input Over-Voltage Protection (OVP)
• Short-Circuit Protection (SCP)
• Input Under-Voltage Lock Out (UVLO)
• Thermal Shut Down Protection (TSD)
• HBM ESD rating: ±4 k V on all pins
• CDM ESD rating: ±1 k V
• IEC 61000-4-2: ±8 k V on VOUT
• IEC 61000-4-5: 45 V on VOUT, no cap
• IEC 62368-1: 2014 E326264-A6008-CB-1

Applications
• USB PD power source switch
• Smartphones and tablets
• Notebooks, ultra-books and desktops
• Portable devices




Similar Part No. - AOZ1374DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1373DI AOSMD-AOZ1373DI Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1373DI-01 AOSMD-AOZ1373DI-01 Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1373DI-02 AOSMD-AOZ1373DI-02 Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1375DI AOSMD-AOZ1375DI Datasheet
5Mb / 17P
ECPower™ 23 V 18 mΩ Bidirectional Load Switch with Over-Voltage and Over-Current Protection
Rev. 2.0 December 2022
AOZ1375DI-01 AOSMD-AOZ1375DI-01 Datasheet
5Mb / 17P
ECPower™ 23 V 18 mΩ Bidirectional Load Switch with Over-Voltage and Over-Current Protection
Rev. 2.0 December 2022
More results


Similar Description - AOZ1374DI

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Vishay Siliconix
SIP32433 VISHAY-SIP32433_V01 Datasheet
640Kb / 22P
3.5 A, 78 m, 2.8 V to 23 V True Reverse Current Blocking eFuse With Programmable Current Limit and OVP
15-Aug-2022
logo
Alpha & Omega Semicondu...
AOZ1324DI AOSMD-AOZ1324DI Datasheet
1Mb / 14P
ECPower™ 20V 32mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1327DI AOSMD-AOZ1327DI Datasheet
2Mb / 16P
ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.2 April 2020
AOZ1328DI AOSMD-AOZ1328DI Datasheet
1Mb / 16P
ECPower™ 20V 18mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.1 August 2020
AOZ1353LI AOSMD-AOZ1353LI Datasheet
1Mb / 15P
5V/3A ECPower™ Protection Switch with True Reverse-Current Blocking
Rev. 1.3 March 2019
AOZ13984DI-02 AOSMD-AOZ13984DI-02 Datasheet
962Kb / 17P
ECPower™ 20V 33mΩ Smart Protection Switch True Reverse Current Blocking
Rev. 1.0 December 2020
AOZ1373DI AOSMD-AOZ1373DI Datasheet
1Mb / 14P
ECPower™ 20V 39mΩ Protection Switch with True Reverse Current Blocking
Rev. 1.0 December 2019
AOZ1376DI AOSMD-AOZ1376DI Datasheet
1Mb / 14P
ECPower™ 20V 20mΩ Protection Switch with True Reverse Current Blocking
Rev. 2.3 December 2019
logo
Texas Instruments
TPS25948 TI-TPS25948 Datasheet
4Mb / 56P
TPS25948xx 3.5-V–23-V, 13-mΩ, 8-A eFuse With True Reverse Current Blocking
FEBRUARY 2023
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com