Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3041 Datasheet (PDF) - Diodes Incorporated

AP3041 Datasheet PDF - Diodes Incorporated
Part # AP3041
Download  AP3041 Download
File Size   445.88 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL

AP3041 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3041 Datasheet PDF - Diodes Incorporated

Part # AP3041
Download  AP3041 Click to download

File Size   445.88 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL

AP3041 Datasheet (HTML) - Diodes Incorporated


AP3041 Product details

Features
- Input Voltage Range: 5V to 27V
- 1A Peak and 10V MOSFET Gate Driver
- 20ns Quick MOSFET Gate Driver
- Duty Cycle Limit of 90%
- Programmable UVLO
- PWM Dimming Control
- Programmable Over Voltage Protection
- LED Open Protection
- LED Short Circuit Protection
- Diode Short Circuit Protection
- Output Short Circuit Protection
- LED Low-Side Short to Ground Detection
- OV Pin Under Voltage Protection
- Over Current Protection
- Programmable Slope Compensation
- Adjustable Soft-Start
- Adjustable Protection Delay
- Fault Status Indication
- Adjustable Operation Frequency from 100kHz to 1MHz
- Over Temperature Protection
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)

Applications
- LED Lighting
- LED TV
- LCD Display Modules




Similar Part No. - AP3041

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3041 BCDSEMI-AP3041 Datasheet
469Kb / 14P
Boost Controller for WLED Driver in Medium-sized LCD Panel
logo
Schneider Electric
AP30410 SCHNEIDER-AP30410 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 400A
Jun 3, 2020
More results


Similar Description - AP3041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8543 TI1-LP8543 Datasheet
650Kb / 36P
SMBus/I2C Controlled WLED Driver for Medium-Sized LCD Backlight
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
BCD Semiconductor Manuf...
AP3041 BCDSEMI-AP3041 Datasheet
469Kb / 14P
Boost Controller for WLED Driver in Medium-sized LCD Panel
logo
Rohm
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 39P
White LED driver for medium sized and large sized LCD back light
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
logo
Rohm
BD9470AFM ROHM-BD9470AFM Datasheet
1Mb / 38P
White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com