Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3041 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3041
Description  BOOST CONTROLLER FOR WLED DRIVER IN MEDIUM-SIZED LCD PANEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3041 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3041 Datasheet HTML 1Page - Diodes Incorporated AP3041 Datasheet HTML 2Page - Diodes Incorporated AP3041 Datasheet HTML 3Page - Diodes Incorporated AP3041 Datasheet HTML 4Page - Diodes Incorporated AP3041 Datasheet HTML 5Page - Diodes Incorporated AP3041 Datasheet HTML 6Page - Diodes Incorporated AP3041 Datasheet HTML 7Page - Diodes Incorporated AP3041 Datasheet HTML 8Page - Diodes Incorporated AP3041 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP3041
Document number: DS41887 Rev. 2 - 2
4 of 14
www.diodes.com
August 2019
© Diodes Incorporated
AP3041
Functional Block Diagram
CT
OV
UVLO
EN
VIN
VCC
OUT
GND
FLAG
FB
SS/COMP
SC
CS
RT
GND
5
4
3
2
15
9
10
12
1
14
13
11
8
7
16
8
6
BANDGAP
1.25V
EN
REFERENCE
3V
300mV
1.25V
10
mA
10
mA
2.25V
OVP
FAULT
OTSD
OSC
CLK
SAW
OVP
300mV
1.25V
SCP
EA
PWM
SAW
1.75V
LEB
OCP
500mV
CLK
R
S
Q
DRIVE
LOGIC
PWM
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com