Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67050 Datasheet (PDF) - Alpha Wire

67050 Datasheet PDF - Alpha Wire
Part # 67050
Download  67050 Download
File Size   97.62 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

67050 Datasheet (PDF)

Go To PDF Page Download Datasheet
67050 Datasheet PDF - Alpha Wire

Part # 67050
Download  67050 Click to download

File Size   97.62 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

67050 Datasheet (HTML) - Alpha Wire


67050 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor 0.50 (28/0.16) mm2
Tinned Copper 0.93
b) Insulation
0.250 mm Wall, Nom. Modified
Polyphenylene Ether
1.43+/- 0.05
(1) Print
ALPHA WIRE-* P/N 67050
ECOWIRE TM 0.5MM2 E163869 RU AWM 11028
105C 600V VW-1 --- CRU AWM I A/B 105C 600V FT1
CE ROHS
* = Factory Code
(2) Color(s)
BLACK, RED, WHITE, BLUE, GREEN, BROWN, YELLOW
ORANGE, VIOLET, GREEN/YELLOW




Similar Part No. - 67050

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6705 FILTRONIC-6705 Datasheet
130Kb / 3P
PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Pomona Electronics
6705 POMONA-6705 Datasheet
35Kb / 1P
Isolated BNC F/F Panel Connector for HDTV
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
logo
Bourns Electronic Solut...
6705-RC BOURNS-6705-RC Datasheet
94Kb / 1P
High Current Toroid Inductors (with header)
logo
Filtronic Compound Semi...
6705K FILTRONIC-6705K Datasheet
130Kb / 3P
PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
More results


Similar Description - 67050

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com