Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6705 Datasheet (PDF) - Pomona Electronics

6705 Datasheet PDF - Pomona Electronics
Part # 6705
Download  6705 Download
File Size   35.55 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Isolated BNC F/F Panel Connector for HDTV

6705 Datasheet (PDF)

Go To PDF Page Download Datasheet
6705 Datasheet PDF - Pomona Electronics

Part # 6705
Download  6705 Click to download

File Size   35.55 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Isolated BNC F/F Panel Connector for HDTV

6705 Datasheet (HTML) - Pomona Electronics


6705 Product details

Features:
• True 75 ohm impedance.
• Designed to meet the rigid standards for HDTV.
• Panel isolated with black nickel plating for easily identification as an HDTV connector.
• Connectors are precision machined (not die-cast) from brass.
• Insulator material is high density PTFE to maintain a perfect dielectric constant.
• Connectors utilize gold plated contact pin to maintain low return loss in high definition applications.




Similar Part No. - 6705

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6705 FILTRONIC-6705 Datasheet
130Kb / 3P
PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
logo
Bourns Electronic Solut...
6705-RC BOURNS-6705-RC Datasheet
94Kb / 1P
High Current Toroid Inductors (with header)
logo
Alpha Wire
67050 ALPHAWIRE-67050 Datasheet
97Kb / 4P
Customer Specification
2/23/2023
logo
Filtronic Compound Semi...
6705K FILTRONIC-6705K Datasheet
130Kb / 3P
PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
More results


Similar Description - 6705

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
2451A POMONA-2451A Datasheet
28Kb / 1P
Connector BNC (F), Panel Mount
6735 POMONA-6735 Datasheet
175Kb / 1P
BNC (M), BNC (F) Panel
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Winchester Electronics ...
SD7772-2 WINCHESTER-SD7772-2 Datasheet
64Kb / 1P
ADAPTER, F-F, PANEL, MINIATURE, BNC TO VIDEO
SDKC-99-40 WINCHESTER-SDKC-99-40 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD, ISOLATED GROUND, BNC-BNC
SDKC-99-54 WINCHESTER-SDKC-99-54 Datasheet
69Kb / 1P
ADAPTER, F-F, BULKHEAD ISOLATED GROUND, BNC-BNC
SDKC-99-56 WINCHESTER-SDKC-99-56 Datasheet
49Kb / 1P
ADAPTER, F-F, PANEL, BNC
77721 WINCHESTER-77721 Datasheet
71Kb / 1P
ADAPTER, F-F, PANEL, MINIATURE, BNC TO VIDEO
KC-99-135M06 WINCHESTER-KC-99-135M06 Datasheet
72Kb / 1P
BNC F-F BULKHEAD ADAPTER ISOLATED GROUP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com