Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F161A Datasheet (PDF) - NXP Semiconductors

74F161A Datasheet PDF - NXP Semiconductors
Part # 74F161A
Download  74F161A Download
File Size   111.83 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-bit binary counter

74F161A Datasheet (PDF)

Go To PDF Page Download Datasheet
74F161A Datasheet PDF - NXP Semiconductors

Part # 74F161A
Download  74F161A Click to download

File Size   111.83 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-bit binary counter

74F161A Datasheet (HTML) - NXP Semiconductors


74F161A Product details

DESCRIPTION
4-bit binary counters feature an internal carry look-ahead and can be used for high-speed counting. Synchronous operation is provided by having all flip-flops clocked simultaneously on the positive-going edge of the clock. The clock input is buffered.

FEATURES
• Synchronous counting and loading
• Two count enable inputs for n-bit cascading
• Positive edge-triggered clock
• Asynchronous Master Reset (74F161A)
• Synchronous Reset (74F163A)
• High speed synchronous expansion
• Typical count rate of 130MHz
• Industrial range (–40°C to +85°C) available




Similar Part No. - 74F161A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
Synchronous Presettable Binary Counter
logo
National Semiconductor ...
74F161APC NSC-74F161APC Datasheet
197Kb / 10P
Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161APC FAIRCHILD-74F161APC Datasheet
96Kb / 8P
Synchronous Presettable Binary Counter
74F161APC FAIRCHILD-74F161APC Datasheet
179Kb / 11P
Synchronous Presettable Binary Counter
74F161APCX FAIRCHILD-74F161APCX Datasheet
96Kb / 8P
Synchronous Presettable Binary Counter
More results


Similar Description - 74F161A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
4-Bit Binary Counter
REV 6
logo
NXP Semiconductors
74ALS161B PHILIPS-74ALS161B Datasheet
168Kb / 14P
4-bit binary counter
1991 Feb 08
logo
Texas Instruments
CY5474FCT163T TI-CY5474FCT163T Datasheet
68Kb / 7P
4-Bit Binary Counter
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
4-bit Binary Counter
logo
Renesas Technology Corp
HD74LS293 RENESAS-HD74LS293 Datasheet
176Kb / 8P
4-bit Binary Counter
HD74LS93 RENESAS-HD74LS93 Datasheet
174Kb / 9P
4-bit Binary Counter
HD74HC93 RENESAS-HD74HC93 Datasheet
102Kb / 8P
4-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
SN74LS290 ONSEMI-SN74LS290 Datasheet
168Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Texas Instruments
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
4-Bit Binary Counter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com