Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC93 Datasheet (PDF) - Renesas Technology Corp

HD74HC93 Datasheet PDF - Renesas Technology Corp
Part # HD74HC93
Download  HD74HC93 Download
File Size   102.53 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit Binary Counter

HD74HC93 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC93 Datasheet PDF - Renesas Technology Corp

Part # HD74HC93
Download  HD74HC93 Click to download

File Size   102.53 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-bit Binary Counter

HD74HC93 Datasheet (HTML) - Renesas Technology Corp


HD74HC93 Product details

Description
The HD74HC93 is a 4-bit ripple type counter consisting of four master/slave flip-flops that are internally connected to provide separate divide-by-two and divide-by-eight sections. Each section has a separate clock input which initiates state changes of the counter on the high-to-low clock transition.

Features
• High Speed Operation: tpd (A to QA) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC93

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
4-bit Binary Counter
More results


Similar Description - HD74HC93

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
4-Bit Binary Counter
REV 6
logo
NXP Semiconductors
74ALS161B PHILIPS-74ALS161B Datasheet
168Kb / 14P
4-bit binary counter
1991 Feb 08
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
4-bit binary counter
1996 Jan 29
logo
Texas Instruments
CY5474FCT163T TI-CY5474FCT163T Datasheet
68Kb / 7P
4-Bit Binary Counter
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
4-bit Binary Counter
logo
Renesas Technology Corp
HD74LS293 RENESAS-HD74LS293 Datasheet
176Kb / 8P
4-bit Binary Counter
HD74LS93 RENESAS-HD74LS93 Datasheet
174Kb / 9P
4-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
SN74LS290 ONSEMI-SN74LS290 Datasheet
168Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Texas Instruments
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
4-Bit Binary Counter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com