Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3490 Datasheet (PDF) - Microchip Technology

MIC3490 Datasheet PDF - Microchip Technology
Part # MIC3490
Download  MIC3490 Download
File Size   942.44 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Input Voltage, Low IQ μCap LDO Regulator

MIC3490 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3490 Datasheet PDF - Microchip Technology

Part # MIC3490
Download  MIC3490 Click to download

File Size   942.44 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Input Voltage, Low IQ μCap LDO Regulator

MIC3490 Datasheet (HTML) - Microchip Technology


MIC3490 Product details

General Description
The MIC3490 is a 100 mA, highly accurate,
low-dropout regulator with high input voltage and
ultra-low ground current. This combination of high
voltage and low ground current makes the MIC3490
ideal for multi-cell Li-Ion battery systems.
As a μCap LDO design, the MIC3490 is stable with
either ceramic or tantalum output capacitors. It only
requires a 2.2 μF output capacitor for stability.
Features of the MIC3490 include enable input, thermal
shutdown, current limit, reverse battery protection and
reverse leakage protection.
Available in five output voltage options (1.8V, 2.5V,
3.0V, 3.3V and 5.0V), the MIC3490 is offered in a 5-pin
SOT23 package with a junction temperature range of
-40°C to + 125°C.

Features
• Wide Input Voltage Range: 2.3V to 36V
• Ultra-Low Ground Current: 18 μA
• Low Dropout Voltage of 270 mV at 100 mA
• High Output Accuracy of ±2.0% Overtemperature
• μCap: Stable with Ceramic or Tantalum
Capacitors
• Excellent Line and Load Regulation Specifications
• Near Zero Shutdown Current: Typical 0.1 μA
• Reverse Battery Protection
• Reverse Leakage Protection
• Thermal Shutdown and Current-Limit Protection
• SOT23-5 Package
• The MIC3490 is Pin-to-Pin Compatible with
LM3940

Applications
• Keep-Alive Supply in Notebook and Portable
Computers
• USB Power Supply
• Logic Supply for High-Voltage Batteries
• Automotive Electronics
• Battery-Powered Systems
• 3 to 4-Cell Li-Ion Battery Input Range




Similar Part No. - MIC3490

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC3490 MICROCHIP-MIC3490_V01 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results


Similar Description - MIC3490

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
logo
Torex Semiconductor
XC6602 TOREX-XC6602 Datasheet
963Kb / 31P
1A, 0.5V Low Input Voltage, High Speed LDO Regulator
XC6603 TOREX-XC6603 Datasheet
927Kb / 29P
1A, 0.5V Low Input Voltage, High Speed LDO Regulator
logo
ON Semiconductor
NCP718 ONSEMI-NCP718 Datasheet
255Kb / 9P
Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
ON Semiconductor
NCP153 ONSEMI-NCP153 Datasheet
737Kb / 14P
LDO Regulator - Dual, Low IQ
September, 2019 ??Rev. 2
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
Microchip Technology
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 20P
High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com