Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5233 Datasheet (PDF) - Micrel Semiconductor

MIC5233 Datasheet PDF - Micrel Semiconductor
Part # MIC5233_09
Download  MIC5233 Download
File Size   381.56 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Input Voltage Low IQ 關Cap LDO Regulator

MIC5233 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5233 Datasheet PDF - Micrel Semiconductor

Part # MIC5233_09
Download  MIC5233 Click to download

File Size   381.56 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Input Voltage Low IQ 關Cap LDO Regulator

MIC5233 Datasheet (HTML) - Micrel Semiconductor


MIC5233 Product details

General Description
The MIC5233 is a 100mA highly accurate, low dropout regulator with high input voltage and ultra-low ground current. This combination of high voltage and low ground current makes the MIC5233 ideal for multi-cell Li-Ion battery systems.
A µCap LDO design, the MIC5233 is stable with either ceramic or tantalum output capacitor. It only requires a 2.2µF capacitor for stability.
Features of the MIC5233 include enable input, thermal shutdown, current-limit, reverse-battery protection, and reverse-leakage protection.
Available in fixed and adjustable output voltage versions, the MIC5233 is offered in the IttyBitty® SOT-23-5 and SOT223-3 package with a junction temperature range of −40°C to +125°C.

Features
• Wide input voltage range: 2.3V to 36V
• Ultra-low ground current: 18µA
• Low dropout voltage of 270mV at 100mA
• High output accuracy of ±2.0% over temperature
• µCap: stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Zero shutdown current
• Reverse-battery protection
• Reverse-leakage protection
• Thermal-shutdown and current-limit protection
• IttyBitty® SOT-23-5 and SOT-223-3 packages

Applications
• Keep-alive supply in notebook and portable computers
• USB power supply
• Logic supply for high-voltage batteries
• Automotive electronics
• Battery-powered systems
• 3 − 4 cell Li-Ion battery input range




Similar Part No. - MIC5233_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233-1.8BM5 MICREL-MIC5233-1.8BM5 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC5233-1.8YM5 MICREL-MIC5233-1.8YM5 Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
logo
Microchip Technology
MIC5233-1.8YM5-TR MICROCHIP-MIC5233-1.8YM5-TR Datasheet
1Mb / 20P
High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
MIC5233-1.8YM5-TR MICROCHIP-MIC5233-1.8YM5-TR Datasheet
1Mb / 24P
High Input Voltage, Low IQ μCap LDO Regulator
Revision E October 2022
MIC5233-1.8YM5-TRVAO MICROCHIP-MIC5233-1.8YM5-TRVAO Datasheet
1Mb / 24P
High Input Voltage, Low IQ μCap LDO Regulator
Revision E October 2022
More results


Similar Description - MIC5233_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
1.5A, Low Voltage 關Cap LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
3.0A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
logo
Microchip Technology
MIC3490 MICROCHIP-MIC3490 Datasheet
942Kb / 20P
High Input Voltage, Low IQ μCap LDO Regulator
Revision A February 2019
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 20P
High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com