Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22816 Datasheet (PDF) - Diodes Incorporated

AP22816 Datasheet PDF - Diodes Incorporated
Part # AP22816
Download  AP22816 Download
File Size   1327.71 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A/1.5A/2.0A SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH

AP22816 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22816 Datasheet PDF - Diodes Incorporated

Part # AP22816
Download  AP22816 Click to download

File Size   1327.71 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A/1.5A/2.0A SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH

AP22816 Datasheet (HTML) - Diodes Incorporated


AP22816 Product details

Features
- Input Voltage Range: 2.7V to 5.5V
- 75mΩ On-resistance
- Built-in Soft-start with 0.6ms Typical Rise Time
- Fault Report (FLG) with Blanking Time (6ms Typ.)
- ESD Protection: 2kV HBM, 500V CDM
- Logic Level Enable Pin: Available with Active-high or Active-low Versions
- Protections:
- Overcurrent Protection with Auto Recovery
- Short-Circuit Protection with Auto Recovery
- Overtemperature Protection with Auto Recovery
- Output Reverse Current / Voltage Protection
- Thermally-Efficient Low Profile Package
- Moisture Sensitivity: Level 1 per J-STD-020
- Terminals:
- TSOT-25: Finish – Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208 (e3)
- MSOP-8: Finish – Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208 (e3)
- Weight:
- TSOT25: 0.013 grams (Approximate)
- MSOP-8: 0.027grams(Approximate)
- UL Recognized, File Number E322375
- IEC60950-1 CB Scheme Certified
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Integrated load switches in Ultrabook PCs
- Power up/down sequencing in Ultrabook PCs
- Notebooks
- Netbooks
- Set-top boxes
- SSD (solid state drives)
- Consumer electronics
- Tablet PCs
- Telecom systems




Similar Part No. - AP22816

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2281 DIODES-AP2281 Datasheet
247Kb / 9P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
AP2281 DIODES-AP2281 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP2281-1FMG DIODES-AP2281-1FMG Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP2281-1FMG-7 DIODES-AP2281-1FMG-7 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
AP2281-1W DIODES-AP2281-1W Datasheet
247Kb / 9P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
More results


Similar Description - AP22816

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2337 DIODES-AP2337 Datasheet
288Kb / 10P
1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170-3 MPS-MP62170-3 Datasheet
384Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com