Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA712 Datasheet (PDF) - Aeroflex Circuit Technology

MMA712 Datasheet PDF - Aeroflex Circuit Technology
Part # MMA712
Download  MMA712 Download
File Size   365.48 Kbytes
Page   7 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description DC to 12 GHz Amplifier

MMA712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA712 Datasheet PDF - Aeroflex Circuit Technology

Part # MMA712
Download  MMA712 Click to download

File Size   365.48 Kbytes
Page   7 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description DC to 12 GHz Amplifier

MMA712 Datasheet (HTML) - Aeroflex Circuit Technology




Similar Part No. - MMA712

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA710 AEROFLEX-MMA710 Datasheet
851Kb / 4P
DC to 4 GHz Amplifier
More results


Similar Description - MMA712

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA710 AEROFLEX-MMA710 Datasheet
851Kb / 4P
DC to 4 GHz Amplifier
logo
Teledyne Technologies I...
CPA-13-6036 TELEDYNE-CPA-13-6036 Datasheet
876Kb / 2P
Power Amplifier 6 GHz - 12 GHz
CPA-13-6037 TELEDYNE-CPA-13-6037 Datasheet
877Kb / 2P
Power Amplifier 6 GHz - 12 GHz
logo
Aeroflex Circuit Techno...
MMA704 AEROFLEX-MMA704 Datasheet
298Kb / 4P
DC to 3.7 GHz Amplifier
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
DC to 6 GHz Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E Datasheet
467Kb / 8P
Variable Gain Amplifier 5 to 12 GHz
logo
TriQuint Semiconductor
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
6 to 12 GHz GaN Driver Amplifier
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
10.5 to 12 GHz High Power Amplifier
logo
Mini-Circuits
SMRP-SM50 MINI-SMRP-SM50 Datasheet
280Kb / 2P
Wideband, DC-12 GHz
logo
Analog Devices
ADH361S AD-ADH361S Datasheet
202Kb / 7P
DC to 12 GHz Divide-by-2
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com