Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA704 Datasheet (PDF) - Aeroflex Circuit Technology

MMA704 Datasheet PDF - Aeroflex Circuit Technology
Part # MMA704
Download  MMA704 Download
File Size   298.86 Kbytes
Page   4 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description DC to 3.7 GHz Amplifier

MMA704 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA704 Datasheet PDF - Aeroflex Circuit Technology

Part # MMA704
Download  MMA704 Click to download

File Size   298.86 Kbytes
Page   4 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description DC to 3.7 GHz Amplifier

MMA704 Datasheet (HTML) - Aeroflex Circuit Technology




Similar Part No. - MMA704

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMA701 ETC2-MMA701 Datasheet
2Mb / 8P
High Linearity Packaged HBT
MMA701-SOT89 ETC2-MMA701-SOT89 Datasheet
2Mb / 8P
High Linearity Packaged HBT
logo
Aeroflex Circuit Techno...
MMA701A AEROFLEX-MMA701A Datasheet
585Kb / 4P
24 dBm InGaP HBT Amplifier
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
DC to 6 GHz Amplifier
MMA707 AEROFLEX-MMA707 Datasheet
851Kb / 8P
1 Watt InGaP HBT Amplifier
More results


Similar Description - MMA704

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA710 AEROFLEX-MMA710 Datasheet
851Kb / 4P
DC to 4 GHz Amplifier
MMA712 AEROFLEX-MMA712 Datasheet
365Kb / 7P
DC to 12 GHz Amplifier
logo
SIRENZA MICRODEVICES
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
logo
Aeroflex Circuit Techno...
MMA703 AEROFLEX-MMA703 Datasheet
393Kb / 4P
DC to 6 GHz Amplifier
logo
HBH Microwave GmbH
HA3002 HBH-HA3002 Datasheet
12Kb / 1P
3.0 - 3.7 GHz Power Amplifier
logo
Johanson Technology Inc...
3700BL15B200 JOHANSON-3700BL15B200 Datasheet
95Kb / 2P
3.7 GHz Balun
logo
Micronetics, Inc.
B37A MICRONETICS-B37A Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
B37V MICRONETICS-B37V Datasheet
270Kb / 1P
Double Balanced Mixers 3.7 to 8.6 GHz
logo
Qorvo, Inc
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com