Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA704 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # MMA704
Description  DC to 3.7 GHz Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA704 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  MMA704 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Aeroflex / Metelics, Inc.
www.aeroflex-metelics.com
Typical RF Performance:
Revision Date: 09/16/04
MMA704
DC to 3.7 GHz Amplifier
0
1
2
3
4
6
5
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
1
0
2
2
+5C
4
-0C
8
+5C
Figure 1.
Gain vs Frequency
Frequency (GHz)
0
1
2
3
4
6
5
1
.
12
.
14
.
16
.
18
2
.
22
.
24
.
26
.
28
3
2
+5C
4
-0C
8
+5C
Figure 3.
Input VSWR vs Frequency
Frequency (GHz)
0
1
2
3
4
6
5
1
.
12
.
14
.
16
.
18
2
.
22
.
24
.
26
.
28
3
2
+5C
4
-0C
8
+ 5C
Figure 4.
Output VSWR vs Frequency
Frequency (GHz)
0
1
2
3
4
6
5
0
.
02
.
04
.
06
.
08
1
.
12
.
14
.
16
.
18
2
Figure 6.
Group Delay vs Frequency
Frequency (GHz)
0
5
0
1
5
1
0
2
5
2
0
3
5
3
0
4
5
4
0
5
.
00
0.
050
.
10
0.
10
5.
20
0.
20
5.
30
0.
30
5
2
+5C
4
-0C
8
+5C
Figure 5.
OIP3 vs Frequency
Frequency (GHz)
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
1
0
2
.
00
0.
050
.
10
0.
10
5.
20
0.
20
5.
30
0.
30
5
2
+5C
4
-0C
8
+5C
Figure 2.
Output Power vs Frequency
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com