Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA3002 Datasheet (PDF) - HBH Microwave GmbH

HA3002 Datasheet PDF - HBH Microwave GmbH
Part # HA3002
Download  HA3002 Download
File Size   12.88 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 3.0 - 3.7 GHz Power Amplifier

HA3002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA3002 Datasheet PDF - HBH Microwave GmbH

Part # HA3002
Download  HA3002 Click to download

File Size   12.88 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 3.0 - 3.7 GHz Power Amplifier

HA3002 Datasheet (HTML) - HBH Microwave GmbH


HA3002 Product details

General Description
The HA3002 is a power amplifier in the frequency range from 3.0GHz to 3.7GHz.
The device operates from –45°C to +85°C.




Similar Part No. - HA3002

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA3001 HBH-HA3001 Datasheet
33Kb / 4P
2.0 - 4.0 GHz Broadband Amplifier
HA3004 HBH-HA3004 Datasheet
20Kb / 1P
3.1GHz - 3.5GHz Low Noise Amplifier
More results


Similar Description - HA3002

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA704 AEROFLEX-MMA704 Datasheet
298Kb / 4P
DC to 3.7 GHz Amplifier
logo
SIRENZA MICRODEVICES
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
logo
M/A-COM Technology Solu...
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
logo
Johanson Technology Inc...
3700BL15B200 JOHANSON-3700BL15B200 Datasheet
95Kb / 2P
3.7 GHz Balun
logo
TriQuint Semiconductor
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
0.1 ??3.0 GHz 10 W GaN Power Amplifier
logo
Teledyne Technologies I...
ACP7019 TELEDYNE-ACP7019 Datasheet
101Kb / 1P
3.0-7.0 GHz COUGARPAK AMPLIFIER
ACP8017 TELEDYNE-ACP8017 Datasheet
101Kb / 1P
3.0-8.0 GHz COUGARPAK AMPLIFIER
logo
Qorvo, Inc
TGA2976-SM QORVO-TGA2976-SM Datasheet
1Mb / 18P
0.1 ??3.0 GHz 10W GaN Power Amplifier
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com