Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22916 Datasheet (PDF) - Diodes Incorporated

AP22916 Datasheet PDF - Diodes Incorporated
Part # AP22916
Download  AP22916 Download
File Size   4859.45 Kbytes
Page   32 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH

AP22916 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22916 Datasheet PDF - Diodes Incorporated

Part # AP22916
Download  AP22916 Click to download

File Size   4859.45 Kbytes
Page   32 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH

AP22916 Datasheet (HTML) - Diodes Incorporated


AP22916 Product details

Features
- Wide Input Voltage Range: 1.3V to 5.5V
- Low On-Resistance
- 280mΩ Typical @1.3V
- 135mΩ Typical @1.8V
- 65mΩ Typical @3.6V
- 54mΩ Typical @5.0V
- Continuous Current Capability up to 2A
- True Reverse Current Blocking (TRCB)
- Discharging Resistor on VOUT When Disabled
- Ultra-Low Quiescent Current 0.5μA
- Active-High Control Pin
- Minimum 1.0V VIH of ON
- ESD Protection:
- Human Body Model: 2kV
- Charged Device Model: 1kV
- Package:
- X1-WLB0808-4 with Backside Laminate
- 0.78mm x 0.78mm, 0.4mm Ball Pitch
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Mobile devices and smart phones
- Portable media devices
- Wearable devices
- Advanced notebooks, UMPC, and MID
- Portable medical devices
- GPS and navigation equipment




Similar Part No. - AP22916

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22913CN4-7 DIODES-AP22913CN4-7 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22913W6-7 DIODES-AP22913W6-7 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22919Q DIODES-AP22919Q Datasheet
1Mb / 16P
6V/1.5A, 90mΩ RON SWITCH WITH SHORT-CIRCUI T PROTECTION
Rev. 2 - 2 May 2024
AP22919QDW-7 DIODES-AP22919QDW-7 Datasheet
1Mb / 16P
6V/1.5A, 90mΩ RON SWITCH WITH SHORT-CIRCUI T PROTECTION
Rev. 2 - 2 May 2024
More results


Similar Description - AP22916

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
logo
Texas Instruments
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
Ultra-Low Leakage Load Switch
logo
ON Semiconductor
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
logo
Monolithic Power System...
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5075 MPS-MP5075 Datasheet
840Kb / 12P
5.5V, 2.4A, Low RDS(ON) Load Switch
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com