Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22919Q Datasheet (PDF) - Diodes Incorporated

AP22919Q Datasheet PDF - Diodes Incorporated
Part # AP22919Q
Download  AP22919Q Download
File Size   1220.97 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6V/1.5A, 90mΩ RON SWITCH WITH SHORT-CIRCUI T PROTECTION

AP22919Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22919Q Datasheet PDF - Diodes Incorporated

Part # AP22919Q
Download  AP22919Q Click to download

File Size   1220.97 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6V/1.5A, 90mΩ RON SWITCH WITH SHORT-CIRCUI T PROTECTION

AP22919Q Datasheet (HTML) - Diodes Incorporated


AP22919Q Product details

Features
• AEC-Q100 Qualification Compliance with Device Temperature
Grade 1 (-40°C to +125°C Ambient Operating Temperature
Range)
• 1.6V to 5.5V Input Voltage Range
• 1.5A Maximum Continuous Current
• Low RON
▪ Typ 90mΩ at VIN = 5V
▪ Typ 110mΩ at VIN = 3.6V
▪ Typ 180mΩ at VIN = 1.8V
• Low Quiescent Current of typ 7μA
• Low Shutdown Current of typ 45nA
• Output Short Protection: typ 3A
• Slow Turn ON Timing to Limit Inrush Current
▪ 5V Turn ON (tON): 2.3ms at 2.6mV/μs
▪ 3.6V Turn ON (tON): 2.0ms at 2.4mV/μs
▪ 1.8V Turn ON (tON): 1.4ms at 2.2mV/μs
• Adjustable Quick Output Discharge (QOD)
▪ Internal QOD Resistance = typ 10Ω
• Smart ON Pin Pulldown:
▪ ON ≥ VIH: max 100nA of ION
▪ ON ≤ VIL: typ 530kΩ of RPD
• Active HIGH Operation
• Thermal Shutdown
• Smaller Form Factor Package SOT363 (Standard)
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AP22919Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/

Applications
• Infotainment and cluster head units
• Automotive cluster displays
• ADAS surround view system ECU
• Body control modules and gateways




Similar Part No. - AP22919Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22913CN4-7 DIODES-AP22913CN4-7 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22913W6-7 DIODES-AP22913W6-7 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22916 DIODES-AP22916 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
AP22916BCA4-7 DIODES-AP22916BCA4-7 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
More results


Similar Description - AP22919Q

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
??6V, 1.5A Negative Linear Regulator
logo
Eutech Microelectronics...
EUP3506 EUTECH-EUP3506 Datasheet
391Kb / 1P
Dual 1.5A Line Switch with Dual 1.5A Line Switch with
logo
SHANGHAI BELLING CO., L...
BL8089 BELLING-BL8089 Datasheet
774Kb / 7P
PMU with 2 Synchronous 6V 1.5A Bucks and 2 CMOS 6V 500mA LDOs
BL8086 BELLING-BL8086 Datasheet
788Kb / 7P
PMU with 1 Synchronous 6V 1.5A Buck and 2 CMOS 6V 500mA LDOs
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
logo
Kinetic Technologies.
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
logo
Diodes Incorporated
AP22980 DIODES-AP22980 Datasheet
1Mb / 14P
6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
Rev. 2 - 2 September 2022
logo
SG Micro Corp
SGM2564 SGMICRO-SGM2564 Datasheet
818Kb / 14P
5.5V, 4A, 16mΩ RON Load Switch with Reverse Current Protection
MAY2022-REV.A.1
logo
DinTek Semiconductor Co...
DTQ13N65GN DINTEK-DTQ13N65GN Datasheet
3Mb / 15P
90mΩ, 650V GaN HEMT With Integrated Driver and Protection
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com