Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22919Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22919Q
Description  6V/1.5A, 90mΩ RON SWITCH WITH SHORT-CIRCUI T PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22919Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22919Q Datasheet HTML 1Page - Diodes Incorporated AP22919Q Datasheet HTML 2Page - Diodes Incorporated AP22919Q Datasheet HTML 3Page - Diodes Incorporated AP22919Q Datasheet HTML 4Page - Diodes Incorporated AP22919Q Datasheet HTML 5Page - Diodes Incorporated AP22919Q Datasheet HTML 6Page - Diodes Incorporated AP22919Q Datasheet HTML 7Page - Diodes Incorporated AP22919Q Datasheet HTML 8Page - Diodes Incorporated AP22919Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP22919Q
Document number: DS46245 Rev. 2 - 2
2 of 16
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP22919Q
Typical Applications Circuit
AP22919Q
IN
ON
GND
OUT
Power
Supply
CIN
COUT
ON OFF
Load
1.6 V ~ 5.5 V
QOD
RQOD
Pin Descriptions
Pin Name
Pin Number
Function
IN
1
Power Switch Input. Place bypass capacitor to GND.
OUT
6
Power Switch Output. Place bypass capacitor to GND.
ON
3
Active HIGH enable input. Do not leave floating.
QOD
5
Quick Output Discharge pin. The functionality can be used in one of the three ways.
(1)
Placing an external resistor between OUT and QOD.
(2)
Tying QOD directly to OUT and using the internal resistor value of RPD.
(3)
Disabling QOD by leaving the pin floating.
GND
2
Ground
NC
4
No connection pin. Leave floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com