Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22980 Datasheet (PDF) - Diodes Incorporated

AP22980 Datasheet PDF - Diodes Incorporated
Part # AP22980
Download  AP22980 Download
File Size   1607.55 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START

AP22980 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22980 Datasheet PDF - Diodes Incorporated

Part # AP22980
Download  AP22980 Click to download

File Size   1607.55 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START

AP22980 Datasheet (HTML) - Diodes Incorporated


AP22980 Product details

Features
- Integrated Single Channel Load Switch
- 0.285V to VBIAS (up to 5.5V) Input Voltage Range
- 2.2V to 5.5V VBIAS Voltage Range
- Low RON of Typ. 5.1mΩ (VBIAS = 5V)
- 6A Maximum Continuous Current
- Low Quiescent Current of Typ. 60μA.
- Tri-State Slew Rate Control at VIN = 3.3V
- 15mV/μs (VSS = Floating)
- 2mV/μs (VSS = HIGH)
- 1mV/μs (VSS = LOW)
- Quick Output Discharge (QOD)
- Low Voltage Logic Enable
- 1.2V/1.8V/2.5V/3.3V Logic Compatible
- Active HIGH Operation
- Thermal Shutdown
- ESD Protection: 2kV of HBM and 1kV of CDM
- Smaller Form Factor Package W-QFN1520-10
- Totally Lead-Free & Fully RoHS Compliant (Notes 1&2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Solid state drives (SSD)
- Laptops, desktops
- Tablet PCs
- Servers




Similar Part No. - AP22980

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22908 DIODES-AP22908 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CN4-7 DIODES-AP22908CN4-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CNA4-7 DIODES-AP22908CNA4-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908W6-7 DIODES-AP22908W6-7 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
More results


Similar Description - AP22980

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP340MUTBG ONSEMI-NCP340MUTBG Datasheet
245Kb / 9P
Soft-Start Controlled Load Switch
June, 2013 ??Rev. 0
logo
Anpec Electronics Corop...
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
Ultra-Low On-Resistance, 6A Load Switch with Soft Start
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
logo
ON Semiconductor
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
logo
Omron Electronics LLC
G3JS403BLDC1224 OMRON-G3JS403BLDC1224 Datasheet
260Kb / 4P
Soft-start Solid State Contactors
logo
ON Semiconductor
NCP330 ONSEMI-NCP330 Datasheet
211Kb / 9P
Soft-Start Controlled Load Switch
April, 2015 ??Rev. 2
logo
Anpec Electronics Corop...
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
APW8715 ANPEC-APW8715 Datasheet
256Kb / 20P
High Input Voltage 6A PWM Converter With Adj. Soft Start
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com