Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22980 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP22980 Datasheet HTML 1Page - Diodes Incorporated AP22980 Datasheet HTML 2Page - Diodes Incorporated AP22980 Datasheet HTML 3Page - Diodes Incorporated AP22980 Datasheet HTML 4Page - Diodes Incorporated AP22980 Datasheet HTML 5Page - Diodes Incorporated AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
4 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
Electrical Characteristics (TJ = -40°C to +105°C, VIN = 0.285V to 5.5V, VBIAS = 5.5V, CIN = 1µF, CL = 1µF, VEN = 3.3 V and VSS =
Floating, typical values are at TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Device
IBIAS_Q
VBIAS Quiescent Current
VEN = VIN = VBIAS = 5V, IOUT = 0A
—
60
—
µA
IBIAS_OFF
VBIAS OFF Supply Current
VEN = 0V, VOUT = 0V
—
—
3.5
µA
IIN_SD
Input Shutdown Leakage
VEN = 0V
VOUT = 0V
TA = -40°C to +85°C
VIN = 5V
—
0.03
2.0
µA
VIN = 3.3V
—
0.03
1.5
µA
VIN = 1.8V
—
0.02
1.2
µA
VIN = 1.125V
—
0.01
1.1
µA
VIN = 0.5V
—
0.01
1.0
µA
VEN = 0V
VOUT = 0V
TA = -40°C to +105°C
VIN = 5V
—
—
6.0
µA
VIN = 3.3V
—
—
5.0
µA
VIN = 1.8V
—
—
4.0
µA
VIN = 1.125V
—
—
3.5
µA
VIN = 0.5V
—
—
3.0
µA
ILEAK_EN
EN Input Leakage
VEN = 5.5V
—
—
0.1
µA
VENR
EN Rise Threshold
EN Rise
0.8
0.9
1.0
V
VENF
EN Fall Threshold
EN Fall
0.6
0.7
0.8
V
tEN_DEG
EN Deglitch Time (Note 7)
—
1
1.3
—
µs
VSSH
SS Logic HIGH Voltage (Note 7)
Logic Input HIGH
1.05
—
—
V
VSSL
SS Logic LOW Voltage (Note 7)
Logic Input LOW
—
—
0.5
V
RDIS
Output Discharge Resistance
VEN = 0V,
IDIS = 10mA
40
50
60
Ω
TSDN
Thermal Shutdown (Note 8)
Threshold
—
+150
—
°C
Hysteresis
—
+25
—
°C
Power Switch
RON
ON Resistance
VEN = VBIAS
IOUT = 200mA
TA = +25°C
VIN = 5V
—
5.1
—
mΩ
VIN = 3.3V
—
5.2
—
mΩ
VIN = 1.8V
—
5.2
—
mΩ
VIN = 1.125V
—
5.2
—
mΩ
VIN = 0.285V
—
5.2
—
mΩ
VEN = VBIAS
IOUT = 200mA
TA = -40°C to +105°C
VIN = 5V
—
5.1
7.5
mΩ
VIN = 3.3V
—
5.2
7.8
mΩ
VIN = 1.8V
—
5.2
7.8
mΩ
VIN = 1.125V
—
5.2
7.8
mΩ
VIN = 0.285V
—
5.2
7.8
mΩ
VIN = 2.0V
IOUT = 200mA
TA = +25°C
VBIAS = 5V
—
5.1
—
mΩ
VBIAS = 3.3V
—
5.2
—
mΩ
VBIAS = 2.5V
—
5.3
—
mΩ
VBIAS = 2.2V
—
5.4
—
mΩ
VIN = 2.0V
IOUT = 200mA
TA = -40°C to +105°C
VBIAS = 5V
—
5.1
7.5
mΩ
VBIAS = 3.3V
—
5.2
7.8
mΩ
VBIAS = 2.5V
—
5.3
8.0
mΩ
VBIAS = 2.2V
—
5.4
8.0
mΩ
Notes:
7. Parameter guaranteed by design.
8. Parameter guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com