Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22980 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated AP22980 Datasheet HTML 10Page - Diodes Incorporated AP22980 Datasheet HTML 11Page - Diodes Incorporated AP22980 Datasheet HTML 12Page - Diodes Incorporated AP22980 Datasheet HTML 13Page - Diodes Incorporated AP22980 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
12 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
PCB Layout Example
GND
V
V
V
V
V
V
V
V
V
V
V
V
V
V
EN
SS
VBIAS
VIN
VOUT
V
V
V
GND
C
C
*SS
EN
VBIAS
VOUT
VOUT
VOUT
VIN
GND
VIN
VIN
V
V
* SS pin trace must be less than 0.01inch for SS = Float configuration
.
Ordering Information
AP22980 XXXXX - X
Packing
Package
7 : Tape & Reel
FCF10 : W-QFN1520-10
Part Number
Part Number Suffix
Package Code
Package
Packing
Qty.
Carrier
AP22980FCF10-7
-7
FCF10
W-QFN1520-10
3000
7” Tape and Reel
Marking Information
W-QFN1520-10
(Top View)
Y : Year : 0~9
X : Internal Code
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
XX
Y W X
Part Number
Package
Identification Code
AP22980FCF10-7
W-QFN1520-10
A3
XX : Identification Code
Y : Year 0 to 9 (ex: 2 = 2022)
W : Week : A to Z : week 1 to 26;
a to z : week 27 to 52; z represents
week 52 and 53
X : Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com