Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22980 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP22980 Datasheet HTML 1Page - Diodes Incorporated AP22980 Datasheet HTML 2Page - Diodes Incorporated AP22980 Datasheet HTML 3Page - Diodes Incorporated AP22980 Datasheet HTML 4Page - Diodes Incorporated AP22980 Datasheet HTML 5Page - Diodes Incorporated AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
5 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
Switching Characteristics (TJ = -40°C to +105°C, VIN = 0.285V to 5.5V, VBIAS = 5.5V, CIN = 1µF, CL = 0.1µF, VEN = 5V and VSS =
Floating, typical values are at TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Tri-State Slew Rate with SS Pin
tDON
ON Delay Time
—
—
25
50
µs
SR
Output Slew Rate
(1% to 90% of VOUT)
VIN = 3.3V, VSS = Floating
—
15
—
mV/µs
VIN = 3.3V, VSS = HIGH
—
2
—
mV/µs
VIN = 3.3V, VSS = LOW
—
1
—
mV/µs
tDOFF
OFF Delay Time
—
—
—
7
µs
tFALL_4.7µF
Output Fall Time
RL = 100Ω, CL = 4.7µF
—
90
—
µs
VIN = 5V, VEN = VBIAS = 5V, VSS = 3.3V, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
25
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
2550
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
2575
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
3.5
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
5.3
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
8.8
—
µs
VIN = 5V, VEN = VBIAS = 5V, VSS = 0V, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
30
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
5000
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
5030
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
3.5
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
5.0
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
8.5
—
µs
VIN = 5V, VEN = VBIAS = 5V, VSS = Floating, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
20
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
350
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
370
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
3.5
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
5.0
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
8.5
—
µs
VIN = 0.285V, VEN = VBIAS = 5V, VSS = 3.3V, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
30
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
350
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
380
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
6
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
12
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
18
—
µs
VIN = 0.285V, VEN = VBIAS = 5V, VSS = 0V, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
30
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
650
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
680
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
6
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
12
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
18
—
µs
VIN = 0.285V, VEN = VBIAS = 5V, VSS = Floating, TA = +25°C (Unless otherwise noted)
tDON
ON Delay Time
RL = 100Ω, CL = 0.1µF
—
20
—
µs
tRISE
Output Rise Time
RL = 100Ω, CL = 0.1µF
—
40
—
µs
tON
Output Turn ON Time
RL = 100Ω, CL = 0.1µF
—
60
—
µs
tDOFF
OFF Delay Time
RL = 100Ω, CL = 0.1µF
—
6
—
µs
tFALL
Output Fall Time
RL = 100Ω, CL = 0.1µF
—
12
—
µs
tOFF
Output Turn OFF Time
RL = 100Ω, CL = 0.1µF
—
18
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com