Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22980 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP22980 Datasheet HTML 1Page - Diodes Incorporated AP22980 Datasheet HTML 2Page - Diodes Incorporated AP22980 Datasheet HTML 3Page - Diodes Incorporated AP22980 Datasheet HTML 4Page - Diodes Incorporated AP22980 Datasheet HTML 5Page - Diodes Incorporated AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
3 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body ESD Protection
±2
kV
ESD CDM
Charged Device Model ESD Protection
±1
V
VIN
Input Voltage at VIN Pin
-0.3 to +6
V
VBIAS
Bias Supply Voltage
-0.3 to +6
V
VOUT
Output Voltage at VOUT Pin
-0.3 to +6
V
VEN, VSS
Voltage at EN and SS Pins
-0.3 to +6
V
IL
Load Current
6
A
TJ(max)
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
PD
Power Dissipation (Note 5)
1.57
W
RθJA
Junction-to-Ambient Thermal Resistance (Note 5)
79.5
°C/W
RθJC(top)
Junction-to-Case (Top) Thermal Resistance (Note 5)
8.5
°C/W
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability.
5. RθJA and RθJC are measured at TA = +25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Recommended Operating Conditions (@ TA = +25°C, unless otherwise specified.) (Note 6)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
0.285
VBIAS
V
VBIAS
Bias Supply Voltage
2.2
5.5
V
VEN, VSS
Enable and Soft-Start Voltage
0
5.5
V
VOUT
Output Voltage
—
VIN
V
CIN
Input Bypass Capacitor
1
—
µF
COUT
Output Bypass Capacitor
0.1
94
µF
TA
Operating Ambient Temperature
-40
+105
°C
Note:
6. Refer to the Typical Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com