Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22980 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated AP22980 Datasheet HTML 10Page - Diodes Incorporated AP22980 Datasheet HTML 11Page - Diodes Incorporated AP22980 Datasheet HTML 12Page - Diodes Incorporated AP22980 Datasheet HTML 13Page - Diodes Incorporated AP22980 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
13 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-QFN1520-10
W-QFN1520-10
Dim
Min
Max
Typ
A
0.70
0.80
0.75
A1
0.00
0.05
0.03
A3
––
––
0.152
b
0.220
0.280
0.250
D
1.45
1.55
1.50
E
1.95
2.05
2.00
e
––
––
0.500
L
0.325
0.425
0.375
L1
0.575
0.675
0.625
z
0.100
0.150
0.125
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-QFN1520-10
Dimensions
Value
(in mm)
C
0.500
X
0.350
X1
1.850
X2
2.100
Y
0.475
Y1
0.725
Y2
1.600
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.0035 grams (Approximate)
L1(4x)
Pin 1#
E
D
e
b
L(6x)
A
A1
A3
Seating Plane
z
X
X1
Y1
C
Y
PIN 1#
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com