Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22980 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22980
Description  6V/6A LOW RON SWITCH WITH TRI-STATE SOFT-START
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22980 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22980 Datasheet HTML 1Page - Diodes Incorporated AP22980 Datasheet HTML 2Page - Diodes Incorporated AP22980 Datasheet HTML 3Page - Diodes Incorporated AP22980 Datasheet HTML 4Page - Diodes Incorporated AP22980 Datasheet HTML 5Page - Diodes Incorporated AP22980 Datasheet HTML 6Page - Diodes Incorporated AP22980 Datasheet HTML 7Page - Diodes Incorporated AP22980 Datasheet HTML 8Page - Diodes Incorporated AP22980 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP22980
Document number: DS45227 Rev. 2 - 2
2 of 14
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP22980
Typical Applications Circuit
AP22980
VIN
GND
SS
EN
VOUT
VBIAS
Power
Supply
CIN
COUT
ON OFF
Load
*VBIAS, 2.2 V ~ 5.5 V
0.285 V ~ VBIAS
1uF
Tri-State Input : Pin Configuration
High : Connect to VBIAS
Float : Leave open, trace must be < 0.01inch
Low : Connect to GND
* If VIN is higher than 2.2V then VBIAS pin can be connected to VIN.
Pin Descriptions
Pin Name
Pin Number
Function
VBIAS
1
VBIAS Input. Power supply to the device.
VIN
2, 3, 4
Power Switch Input. Place bypass capacitor to GND.
GND
5
Ground
VOUT
6, 7, 8
Power Switch Output. Place bypass capacitor to GND.
SS
9
Tri-State Slew Rate Control Input (HIGH/Floating/LOW).
EN
10
Active HIGH Enable Input. Do not leave floating.
Functional Block Diagram
Thermal Shutdown
VIN
SS
VBIAS
EN
GND
VOUT
Gate
Driver
AP22980
Tri-state
Detection
Vdd
Control Logic
with
Charge Pump
-
+
Ven
Rdis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com