Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22908 Datasheet (PDF) - Diodes Incorporated

AP22908 Datasheet PDF - Diodes Incorporated
Part # AP22908
Download  AP22908 Download
File Size   1895.95 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH

AP22908 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP22908 Datasheet PDF - Diodes Incorporated

Part # AP22908
Download  AP22908 Click to download

File Size   1895.95 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH

AP22908 Datasheet (HTML) - Diodes Incorporated


AP22908 Product details

Features
- Wide Input Voltage Range: 1.08V to 3.6V
- Low On-Resistance:
- 69mΩ Typical @1.2V
- 41mΩ Typical @1.8V
- 33mΩ Typical @2.5V
- 28mΩ Typical @3.6V
- High DC Current Capability up to 1.5A
- Quick Discharging by Output Discharge Resistance
- Ultra-Low Quiescent Current 0.05μA
- Active-High Control Pin
- Minimum 0.9V VIH of ON
- ESD Protection:
- Human Body Model: 2kV
- Charged Device Model: 1kV
- Package:
- X1-WLB0909-4 with Backside Laminate
- U-WLB0909-4 with Backside Laminate
- 0.87mm  0.87mm, 0.5mm Ball Pitch
- Standard Green SOT26
- Solder Ball Material: SnAgCu
- Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Mobile devices and smart phones
- Portable media devices
- Wearable devices
- Advanced notebooks, UMPC, and MID
- Portable medical devices
- GPS and navigation equipment
- Portable instrumentation




Similar Part No. - AP22908

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22913CN4-7 DIODES-AP22913CN4-7 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22913W6-7 DIODES-AP22913W6-7 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP22916 DIODES-AP22916 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
AP22916BCA4-7 DIODES-AP22916BCA4-7 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
More results


Similar Description - AP22908

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2281 DIODES-AP2281 Datasheet
247Kb / 9P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP2281 DIODES-AP2281_09 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com