Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74700Q Datasheet (PDF) - Diodes Incorporated

AP74700Q Datasheet PDF - Diodes Incorporated
Part # AP74700Q
Download  AP74700Q Download
File Size   2288.42 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ±65V REVERSE VOLTAGE PROTECTION AUTOMOTIVE-COMPLIANT IDEAL DIODE CONTROLLER

AP74700Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP74700Q Datasheet PDF - Diodes Incorporated

Part # AP74700Q
Download  AP74700Q Click to download

File Size   2288.42 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ±65V REVERSE VOLTAGE PROTECTION AUTOMOTIVE-COMPLIANT IDEAL DIODE CONTROLLER

AP74700Q Datasheet (HTML) - Diodes Incorporated


AP74700Q Product details

Features
- Input Voltage Ranges from 3.2V to 65V (3.9V Start-up)
- -65V Reverse Battery Voltage
- Charge Pump for External N-Channel Power MOSFET
- 20mV ANODE to CATHODE Forward Voltage Drop Control
- Low Shutdown Current of 0.7μA when Disabled
- Low Quiescent Current of 80μA when Enabled
- Fast Reverse Current Block Response Time of < 0.75μs
- Active High Enable Operation
- ESD Protection 2kV of HBM and 1.5kV of CDM
- AEC-Q100 Qualification with Device Temperature Grade 1
(-40°C to +125°C Ambient Operating Temperature Range)
- Compliant with Automotive Transient Requirements with
Appropriate TVS
- ISO 7637-2 Transient Pulses
- ISO 16750-2 Load Dump Suppression
- 6-Pin SOT26 Package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AP74700Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF16949
certified facilities.

Applications
- Automotive infotainment systems - clusters
- Automotive ADAS systems - cameras
- Automotive lighting systems
- Automotive power trains




Similar Part No. - AP74700Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP74700Q DIODES-AP74700Q Datasheet
320Kb / 2P
80V Low IQ Ideal Diode Controller Provides Enhanced Protection Against Reverse Battery and Overvoltage in 48V Systems
July 2025
AP74700Q DIODES-AP74700Q Datasheet
339Kb / 2P
Ideal Diode Controller with VDS Clamp Removes the Need for External TVS in Automotive RVP Circuits
August 2025
More results


Similar Description - AP74700Q

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
Positive High Voltage Ideal Diode Controller
LTC4359HDCB LINER-LTC4359HDCB Datasheet
937Kb / 8P
12V/20A Ideal Diode with Reverse Input Protection
LTC4359 LINER-LTC4359 Datasheet
292Kb / 20P
Ideal Diode Controller with Reverse Input Protection
logo
Analog Devices
LTC4376 AD-LTC4376 Datasheet
465Kb / 16P
7A Ideal Diode with Reverse Input Protection
logo
Texas Instruments
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
LM74701-Q1 TI-LM74701-Q1 Datasheet
1Mb / 27P
LM74701-Q1 "TVS Less" Low IQ Reverse Battery Protection Ideal Diode Controller
LM74701-Q1 TI-LM74701-Q1_V01 Datasheet
2Mb / 33P
LM74701-Q1 TVS Less Automotive Reverse Battery Protection Ideal Diode Controller
DECEMBER 2021
LM74721-Q1 TI-LM74721-Q1_V01 Datasheet
2Mb / 33P
LM74721-Q1 TVS Less Low IQ Automotive Reverse Battery Protection Ideal Diode Controller with Active Rectification
REVISED JULY 2022
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com