Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74700Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP74700Q
Description  ±65V REVERSE VOLTAGE PROTECTION AUTOMOTIVE-COMPLIANT IDEAL DIODE CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74700Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP74700Q Datasheet HTML 1Page - Diodes Incorporated AP74700Q Datasheet HTML 2Page - Diodes Incorporated AP74700Q Datasheet HTML 3Page - Diodes Incorporated AP74700Q Datasheet HTML 4Page - Diodes Incorporated AP74700Q Datasheet HTML 5Page - Diodes Incorporated AP74700Q Datasheet HTML 6Page - Diodes Incorporated AP74700Q Datasheet HTML 7Page - Diodes Incorporated AP74700Q Datasheet HTML 8Page - Diodes Incorporated AP74700Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AP74700Q
Document number: DS45004 Rev. 3 - 2
2 of 21
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP74700Q
Typical Applications Circuit
AP74700Q
ANODE
GATE
CATHODE
VCP
EN
GND
OFF
ON
Voltage
Regulator
(DC/DC,
LDO)
TVS
(Note 4)
Car Batt.
or
DC Rail
Note:
4. Appropriate TVS is required to meet ISO 7632-2 and ISO 16750-2 requirements for automotive applications.
Pin Descriptions
Pin Name
Pin Number
Function
VCP
1
Charge pump voltage output pin. Connects to external capacitor.
GND
2
Ground pin.
EN
3
Enable pin. Active high.
CATHODE
4
CATHODE pin. Connects to the drain of external MOSFET.
GATE
5
Gate driver out pin. Connects to gate of external MOSFET.
ANODE
6
Input supply and ANODE pin. Connects to the source of external MOSFET.
Functional Block Diagram
ANODE
VCP
GATE
EN
GND
CATHODE
Gate
Driver
AP74700Q
CONTROL LOGIC
with
Comparators & Gm AMP
(Regulation (20 mV) /
Full Conduction (50 mV) /
Reverse Voltage (-10 mV)
Charge
Pump
UVLO
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com