Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ5118QI-01 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ5118QI-01 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ5118QI-01
Download  AOZ5118QI-01 Download
File Size   2426.15 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5118QI-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ5118QI-01 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ5118QI-01
Download  AOZ5118QI-01 Click to download

File Size   2426.15 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5118QI-01 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ5118QI-01 Product details

General Description
The AOZ5118QI-01 is a high efficiency synchronous
buck power stage module consisting of two asymmetrical
MOSFETs and an integrated driver. The MOSFETs are
individually optimized for operation in the synchronous
buck configuration. The High-Side MOSFET is optimized
to achieve low capacitance and gate charge for fast
switching with low duty cycle operation. The Low-Side
MOSFET has ultra low ON resistance to minimize
conduction loss. AOZ5118QI-01 comes with low noise
technology enhancement at switching node to reduce
noise interference.
The AOZ5118QI-01 uses a PWM and SMOD# input for
accurate control of the power MOSFETs switching
activities, is compatible with 3V and 5V (CMOS) logic and
supports Tri-State PWM.
A number of features are provided making the
AOZ5118QI-01 a highly versatile power module. The
boot- strap switch is integrated in the driver. The Low-
Side MOSFET can be driven into diode emulation mode
to provide asynchronous operation and improve lightload
performance. The pin-out is also optimized for low
parasitics, keeping their effects to a minimum.

Features
 4.5V to 25V power supply range
 4.5V to 5.5V driver supply range
 65A continuous output current
- Up to 80A with 10ms on pulse
- Up to 120A with 10us on pulse
 Up to 2MHz switching operation
 3V/5V PWM and Tri-State input compatible
 Supports Intel® Power State 4
 Thermal Shutdown
 Under-Voltage LockOut protection
 SMOD# control for Diode Emulation / CCM operation
 Low Profile 5x5 QFN-31L package

Applications
 Notebook computers
 VRMs for motherboards
 Point of load DC/DC converters
 Video gaming consoles




Similar Part No. - AOZ5118QI-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5116QI AOSMD-AOZ5116QI Datasheet
2Mb / 18P
High-Current, High-Performance DrMOS Power Module
Rev. 2.1 August 2020
AOZ5117QI-01 AOSMD-AOZ5117QI-01 Datasheet
2Mb / 18P
High-Current, High-Performance DrMOS Power Module
Rev. 2.1 October 2020
More results


Similar Description - AOZ5118QI-01

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com