Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ5166QI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ5166QI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ5166QI
Download  AOZ5166QI Download
File Size   777.23 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5166QI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ5166QI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ5166QI
Download  AOZ5166QI Click to download

File Size   777.23 Kbytes
Page   17 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5166QI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ5166QI Product details

General Description
The AOZ5166QI is a high efficiency synchronous buck
power stage module consisting of two asymmetrical
MOSFETs and an integrated driver. The MOSFETs are
individually optimized for operation in the synchronous
buck configuration. The High-Side (HS) MOSFET has
low capacitance and gate charge for fast switching with
low duty cycle operation. The Low-Side (LS) MOSFET
has ultra low RDS(ON) to minimize conduction losses.
The AOZ5166QI is intended for use with 5V (CMOS) and
Tri-state input compatibility by using both the PWM and
DISB# inputs for accurate control of the power
MOSFET’s switching activities.
A number of features are provided making the
AOZ5166QI a highly versatile power module. The boot
supply diode is integrated in the driver. The LS MOSFET
can be driven into diode emulation mode to provide
asynchronous operation when required. The pinout is
optimized for low parasitics, keeping their effects to the
minimum.

Features
 Fully complies with Intel DrMOS Rev 4.0 specifications
 4.5V to 18V input voltage range
 4.5V to 5.5V driver supply range
 Up to 60A output current
 Up to 1MHz PWM operation
 5V PWM / Tri-state input compatible
 Under-voltage lockout protection
 Single pin control for diode
 Emulation / CCM operation
 6mm x 6mm QFN-40L package

Applications
 Servers
 VRMs for Motherboards
 Point-of-Load DC/DC Converters
 Memory and Graphic Cards
 Video Gaming Consoles




Similar Part No. - AOZ5166QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5166QI-01 AOSMD-AOZ5166QI-01 Datasheet
60Kb / 2P
Versatile synchronous buck power stage feature state-of-the-art technology
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
Versatile synchronous buck power stage feature state-of-the-art technology
More results


Similar Description - AOZ5166QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com